전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TTR510F 데이터시트(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 TTR510F
상세내용  5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo 

TTR510F 데이터시트(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 1 / 3 page
background image
TTR510F TTF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIER Reverse Voltage - 100 to 1000 V
Forward Current
– 5.0A
FEATURES
High current capability
Low forward voltage drop
Glass Passivated Chip Junction
Designed for Surface Mount Application
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: TTF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.461g / 0.0163oz
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
TTR510F
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
1000
V
Maximum RMS voltage
VRMS
700
V
Maximum DC Blocking Voltage
VDC
1000
V
Average Rectified Output Current at Tc=100℃
Io
5.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave
Superimposed on Rated Load(JEDEC method)
IFSM
180
A
I2t Rating for Fusing
I
2t
134.46
A
2S
Typical Thermal Resistance(Note1)
RθJA
RθJC
RθJL
60
10
12
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbols
Test Conditions
Typ
Max
Units
Instantaneous forward voltage
VF
I =5A TJ=25℃
-
1.0
V
Reverse current at DC blocking voltage
IR
TJ=25℃
TJ=125℃
-
1
200
uA
Maximum Reverse Recovery Time
Trr
Measured with
IF=0.5A, IR=1A,
Irr = 0.25 A .
-
500
nS
Typical Junction Capacitance
Cj
f=1MHz,VR=4V DC
TJ= 25℃
60
-
pF
1.Input pin(+)
2.Input pin(-)
3.Output Anode(~)
4.Output Cathode(~)
TTF
Marking Code
TTR510F
TTR510F


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn