전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSR50F25SK 데이터시트(PDF) 1 Page - Mallory Sonalert Products Inc

부품명 PSR50F25SK
상세설명  Sales Outline Drawing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSPI [Mallory Sonalert Products Inc]
홈페이지  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PSR50F25SK 데이터시트(HTML) 1 Page - Mallory Sonalert Products Inc

  PSR50F25SK Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc
Part #
PSR50F25SK
Sales Outline Drawing
Revision
B
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mspindy.com
May not be suitable for all medical and aerospace applications.
Specifications: Contact Mallory Sonalert to discuss your application.
Impedance ()
25 ± 15% at 1000 Hz at 1.0 V
Rated Power (W)
0.2
Max Power (W)
0.5
Frequency Range (Hz)
Fo ~ 12000
Resonance Freq Fo (Hz)
350 ± 20% at 1.0V
Output S.P.L. (dB)
92 ± 3 at 0.2w/.1m 1.0k, 1.2k, 1.5k, 2.0kHZ
79 ± 3 at 1w/1m 1.0k, 1.2k, 1.5k, 2.0kHZ
Magnet
Nd-Fe-B
Frame Material
ABS (Black)
Operating Temp
-20 to 50°C
Weight (g)
11.0
Options
For other options contact factory
Dimensions: ±0.5 (units: mm)
ROHS Compliant


유사한 부품 번호 - PSR50F25SK

제조업체부품명데이터시트상세설명
logo
Rohm
PSR500 ROHM-PSR500 Datasheet
424Kb / 6P
   Ultra low ohmic Metal plate / High power type Shunt Resistors
PSR500 ROHM-PSR500 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR500HTQFB0L10 ROHM-PSR500HTQFB0L10 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR500HTQFB0L20 ROHM-PSR500HTQFB0L20 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR500HTQFB0L27 ROHM-PSR500HTQFB0L27 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
More results

유사한 설명 - PSR50F25SK

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
   Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
   Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
   Sales Outline Drawing
logo
Mallory Sonalert Produc...
MSS5CMCMP MSPI-MSS5CMCMP Datasheet
72Kb / 1P
   Sales Outline Drawing
PL-27N26WQ MSPI-PL-27N26WQ Datasheet
99Kb / 1P
   Sales Outline Drawing
PS-580Q MSPI-PS-580Q Datasheet
103Kb / 1P
   Sales Outline Drawing
PS-583Q MSPI-PS-583Q Datasheet
101Kb / 1P
   Sales Outline Drawing
PSR12N08AK MSPI-PSR12N08AK Datasheet
120Kb / 1P
   Sales Outline Drawing
PSR-20F08S-YHQ MSPI-PSR-20F08S-YHQ Datasheet
123Kb / 1P
   Sales Outline Drawing
PSR-20N08A-JQ MSPI-PSR-20N08A-JQ Datasheet
131Kb / 1P
   Sales Outline Drawing
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com