전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

XC6206P 데이터시트(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 XC6206P
상세내용  Low ESR Cap.Compatible Positive Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

XC6206P 데이터시트(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  XC6206P 데이터시트 HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD XC6206P 데이터시트 HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD XC6206P 데이터시트 HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD XC6206P 데이터시트 HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XC6206P
SOT-23
3 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
E-1
E-2
E-3
E-4
E-5
E-6
OUTPUT VOLTAGE
PARAMETER
SETTING
VOLTAGE
2%
ACCURACY
1%
ACCURACY
MAX.
OUTPUT
CURRENT
LOAD
REGULATION
DROPOUT
VOLTAGE 1
DROPOUT
VOLTAGE 2
SHORT
CURRENT
VOUT(E) (V)
VOUT(E) (V)
IOUTMAX
(mA)
VOUT
Vdif1
Vdif2
Ishort
VOUT(T)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
TYP. MAX. TYP.
MAX.
TYP.
1.2
1.170
1.230
460
760
1.3
1.270
1.330
400
650
700
960
1.4
1.370
1.430
40
350
590
180
1.5
1.470
1.530
60
300
510
580
860
1.6
1.568
1.632
250
450
1.7
1.666
1.734
200
410
450
810
155
1.8
1.764
1.836
150
390
1.9
1.862
1.938
80
45
2.0
1.960
2.040
1.980
2.020
780
2.1
2.058
2.042
2.079
2.121
2.2
2.156
2.244
2.178
2.222
130
2.3
2.254
2.346
2.277
2.323
2.4
2.352
2.448
2.376
2.424
120
50
2.5
2.450
2.550
2.475
2.525
2.6
2.548
2.652
2.574
2.626
2.7
2.646
2.754
2.673
2.727
2.8
2.744
2.856
2.772
2.828
2.9
2.842
2.958
2.871
2.929
150
55
100
370
350
710
3.0
2.940
3.060
2.970
3.030
3.1
3.038
3.162
3.069
3.131
3.2
3.136
3.264
3.168
3.232
3.3
3.234
3.366
3.267
3.333
3.4
3.332
3.468
3.366
3.434
60
3.5
3.430
3.570
3.465
3.535
3.6
3.528
3.672
3.564
3.636
3.7
3.626
3.774
3.663
3.737
3.8
3.724
3.876
3.762
3.838
3.9
3.822
3.978
3.861
3.939
200
65
75
350
250
680
4.0
3.920
4.080
3.960
4.040
4.1
4.018
4.182
4.059
4.141
4.2
4.116
4.284
4.158
4.242
4.3
4.214
4.386
4.257
4.343
4.4
4.312
4.488
4.356
4.444
70
4.5
4.410
4.590
4.455
4.545
4.6
4.508
4.692
4.554
4.646
4.7
4.606
4.794
4.653
4.747
4.8
4.704
4.896
4.752
4.848
4.9
4.802
4.998
4.851
4.949
75
60
320
200
630
5.0
4.900
5.100
4.950
5.050
250
80
50
290
175
600
100
ElectricalCharacteristics(Continued)


Html Pages

1  2  3  4 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn