전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

XC6206P 데이터시트(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 XC6206P
상세내용  Low ESR Cap.Compatible Positive Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo 

XC6206P 데이터시트(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 4 / 4 page
background image
XC6206P
SOT-23
4 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
SOT-23
SOT-23
3000
Tape/Reel,7”reel
Package Outline
Summary of Packing Options
Package
Packing Description
Packing Quantity
Industry Standard
EIA-481-1
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3


Html Pages

1  2  3  4 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn