전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6206P 데이터시트(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 XC6206P
상세설명  Low ESR Cap.Compatible Positive Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

XC6206P 데이터시트(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  XC6206P Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD XC6206P Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD XC6206P Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD XC6206P Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XC6206P
SOT-23
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
CMOS Low Power Consumption
Dropout Voltage
: 160mV @ 100mA
: 400mV @ 200mA
Output Current
: More Than 250mA (5.0V type)
Highly Accurate
: +2%
Output Voltage Range : 1.2V ~ 5.0V
Low ESR Capacitor Compatible
The XC6206 series are highly precise, low power
consumption, high voltage, positive voltage regulators
manufactured
using
CMOS
and
laser
trimming
technologies. The series provides large currents with a
significantly small dropout voltage.
The XC6206 consists of a current limiter circuit, a driver
transistor, a precision reference voltage and an error
correction circuit.
The series is compatible with low ESR ceramic capacitors.
The currrent limiter's foldback circuit also operates as a
short protect for the output current limiter and the output pin.
Output voltage can be set internally by laser trimming
technologies. It is selectable in 100mV increments within a
range of 1.2V to 5.0V.
SOT-23
Battery powered equipment
Reference voltage sources
Cameras, video cameras
Portable AV systems
Mobile phones
Portable games
Maximum Output Current
Dropout Voltage
Maximum Operating Voltage
Output Voltage Range
Highly Accurate
Low Power Consumption
Operational Temperature Range
Ultra Small Package
Low ESR Capacitor
: 250mA (5.0V type)
: 160mV @ IOUT=100mA
(5.0V type)
: 6.0V
: 1.2V ~ 5.0V (100mV steps)
: +2%
(+30mV@VOUT<1.5V)
(+1% @VOUT>2.0V)
: 1.0
µA (TYP.)
: -40OC ~ 85 OC
: SOT-23
: Ceramic capacitor compatible
Low ESR Cap.Compatible Positive Voltage Regulators
Applications
General Description
Features
1
2
3
Simplified outline(SOT-23)


유사한 부품 번호 - XC6206P

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6206P TOREX-XC6206P Datasheet
1Mb / 14P
   Low ESR Cap.Compatible positive Voltage Regilrators
XC6206P121DR TOREX-XC6206P121DR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121LB TOREX-XC6206P121LB Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121LH TOREX-XC6206P121LH Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121MR TOREX-XC6206P121MR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results

유사한 설명 - XC6206P

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206_002 TOREX-XC6206_002 Datasheet
1Mb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206 TOREX-XC6206_1 Datasheet
1Mb / 14P
   Low ESR Cap.Compatible positive Voltage Regilrators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com