전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YFW4407 데이터시트(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 YFW4407
상세설명  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW4407 데이터시트(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW4407 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4407 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4407 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4407 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4407 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
YFW4407 SOP-8
1 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
VDS (V) = -30V
ID = -12 A (VGS = -20V)
RDS(ON) < 13mΩ (VGS = -20V)
RDS(ON) < 14mΩ (VGS = -10V)
Power Management in Notebook computer,
Portable Equipment and Battery powered systems.
P-Channel MOSFET
Feature
Applications
Simplified outline(SOP-8)
#1
#8
#4
#5
PIN1:S PIN5:D
PIN2:S PIN6:D
PIN3:S PIN7:D
PIN4:G PIN8:D
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain CurrentA
ID (Ta=25°C)
-12
A
Continuous Drain CurrentA
ID (Ta=70°C)
-10
A
Pulsed Drain CurrentB
IDM
-60
A
Power Dissipation for Single OperationA
PD (Ta=25℃)
3
W
Power Dissipation for Single OperationA
PD (Ta=100℃)
2.1
W
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Thermal Resistance-Junction to AmbientA
RθJA(t≦10s)
40
/W
Thermal Resistance-Junction to AmbientA
RθJA
75
/W
Maximum Junction-to-LeadC
RθJL
30
/W
Note:
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C. The value in any given application depends on the user's specific
board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80 μs pulses, duty cycle 0.5%
max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The SOA curve provides a single pulse rating. Rev 1 : Sept 2005
Absolute Maximum Ratings Ta = 25℃


유사한 부품 번호 - YFW4407

제조업체부품명데이터시트상세설명
logo
DONGGUAN YOU FENG WEI E...
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
   30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40H04NF YFWDIODE-YFW40H04NF Datasheet
1Mb / 5P
   40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40N02AD YFWDIODE-YFW40N02AD Datasheet
1Mb / 5P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40N03S YFWDIODE-YFW40N03S Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40P04AD YFWDIODE-YFW40P04AD Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results

유사한 설명 - YFW4407

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com