전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D048C025T015M2N 데이터시트(PDF) 11 Page - Vicor Corporation

부품명 D048C025T015M2N
상세설명  DC-DC Converters Quarter Brick, 48 Vin Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

D048C025T015M2N 데이터시트(HTML) 11 Page - Vicor Corporation

Back Button D048C025T015M2N Datasheet HTML 6Page - Vicor Corporation D048C025T015M2N Datasheet HTML 7Page - Vicor Corporation D048C025T015M2N Datasheet HTML 8Page - Vicor Corporation D048C025T015M2N Datasheet HTML 9Page - Vicor Corporation D048C025T015M2N Datasheet HTML 10Page - Vicor Corporation D048C025T015M2N Datasheet HTML 11Page - Vicor Corporation D048C025T015M2N Datasheet HTML 12Page - Vicor Corporation D048C025T015M2N Datasheet HTML 13Page - Vicor Corporation D048C025T015M2N Datasheet HTML 14Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PRELIMINARY
Vicor Corporation
Tel: 800-735-6200
VICBrick DC-DC Converter
Rev. 1.5
Page 11 of 14
vicorpower.com
Power Dissipation vs. Output Current
0
2
4
6
8
10
12
14
16
18
20
010
20
30405060
7080
Output Current (A)
36 V
48 V
75 V
Power dissipation vs. load
Output voltage ripple at full load and nominal Vin with no
external bypass capacitor. Peak-to-peak 82 mV
Efficiency vs. Output Current
70
72
74
76
78
80
82
84
86
88
90
010
20
30
40
5060
70
80
Output Current A)
36Vin
48Vin
75Vin
Efficiency vs. load
Parameter
Min
Typ
Max
Unit
Note
Setpoint voltage
1.485
1.500
1.515
V
Output current
0
80
A
Continuous
Input current
4.7
A
No load dissipation
7.0
W
Current limit
88
96
104
A
D048C015T012M2N Specifications


유사한 부품 번호 - D048C025T015M2N

제조업체부품명데이터시트상세설명
logo
Powerbox
D048C025T010M1N POWERBOX-D048C025T010M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T010M2N POWERBOX-D048C025T010M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T012M1N POWERBOX-D048C025T012M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T012M2N POWERBOX-D048C025T012M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T014M1N POWERBOX-D048C025T014M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

유사한 설명 - D048C025T015M2N

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com