전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD03-05S 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 FDD03-05S
상세설명  DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FDD03-05S 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  FDD03-05S Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD03-05S Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD03-05S Datasheet HTML 3Page - List of Unclassifed Manufacturers FDD03-05S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
50
KHz
1,500
VDC
1G
-25
+ 71
oC
+ 90
oC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Temperature coefficient
Ripple & noise
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom, single output models
Vi nom, Io min ...Io nom, dual output models
Vi nom, Io nom
Vi nom, Io nom, BW = 20MHz
typ.
max.
Efficiency
Vi nom, Io nom, Po / Pi
OUTPUT SPECIFICATIONS
0
20
%
%
%
%
2
1
2
5
%
0.02
o
% / C
Vout x
2%
mV
Up to 73%, See model list
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
CONTROL AND PROTECTION
Storage temperature
M.T.B.F.
Non operational
According to MIL-HDBK-217F, GF40
-40
+100
oC
896,100
Hrs
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
No load input current
Input voltage w/o damage
Ta min ...Ta max,
Io nom
Vi nom, Io = 0
Io nom
2:1 models
3:1 models
4:1 models
12V models
24V models
48V models
12V models
24V models
48V models
9
18
36
9
18
12
24
48
24
48
18
36
72
36
72
18
12
8
20
40
75
VDC
VDC
VDC
VDC
VDC
mA
mA
mA
VDC
VDC
VDC
Dimension
L20.3 x W31.8 x H12.7
mm
Cooling
Case material
Free air convection
Plastic
GENERAL
Derating
Vi nom
o
% / C
See derating curve
%
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
FDD03 SERIES
SINGLE & DUAL OUTPUT
20
48
60
VDC
INPUT SPECIFICATIONS
sales@chinfa.com


유사한 부품 번호 - FDD03-05S

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD03-05S CHINFA-FDD03-05S Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-05S1 CHINFA-FDD03-05S1 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-05S1U CHINFA-FDD03-05S1U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-05S1U CHINFA-FDD03-05S1U Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-05S2 CHINFA-FDD03-05S2 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
More results

유사한 설명 - FDD03-05S

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
MORNSUN Science& Techno...
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
   3W SINGLE OUTPUT DC/DC CONVERTER
logo
Superworld Electronics
SW3R24S03WF SUPERWORLD-SW3R24S03WF Datasheet
198Kb / 2P
   3W Wide Input Single & Dual Output DC-DC Converter
logo
Mean Well Enterprises C...
DCW03 MEANWELL-DCW03_11 Datasheet
211Kb / 1P
   3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
DCW03 MEANWELL-DCW03 Datasheet
210Kb / 1P
   3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03_11 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com