전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L64733C 데이터시트(PDF) 6 Page - LSI Computer Systems

부품명 L64733C
상세설명  Tuner and Satellite Receiver Chipset
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSI [LSI Computer Systems]
홈페이지  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64733C 데이터시트(HTML) 6 Page - LSI Computer Systems

Back Button L64733C Datasheet HTML 2Page - LSI Computer Systems L64733C Datasheet HTML 3Page - LSI Computer Systems L64733C Datasheet HTML 4Page - LSI Computer Systems L64733C Datasheet HTML 5Page - LSI Computer Systems L64733C Datasheet HTML 6Page - LSI Computer Systems L64733C Datasheet HTML 7Page - LSI Computer Systems L64733C Datasheet HTML 8Page - LSI Computer Systems L64733C Datasheet HTML 9Page - LSI Computer Systems L64733C Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
L64733/L64734 Tuner and Satellite Receiver Chipset
Features and Benefits
System Features
Direct down-conversion
Integrated programmable cut-off low-pass filters for variable-rate
operation
Dual AGC for optimizing performance with respect to intermodulation
and noise
Integrated synthesizer
Integrated quadrature amplitude and phase imbalance compensation
RF loop-through
Chipset Features
Supports DVB and DSS system specifications
BPSK/QPSK demodulation rates from 1 to 45 Mbaud
Matched filter (square root raised cosine filter with roll-off factor of
20% or 35%)
Anti-aliasing filters for operation from 1 to 45 Mbaud without
switching external SAW filters or the need for low-pass filters
On-chip digital clock synchronization
On-chip digital carrier synchronization, featuring a frequency sweep
capability for signal acquisition
Auto-acquisition demodulator mode and tuner control through an
on-chip microcontroller
Integrated Phase-Locked Loop (PLL) for clock synthesis, allowing the
use of a fundamental mode crystal
Fast channel switching mode
Power estimation for AGC control
Programmable Viterbi decoder module for rates 1/2, 2/3, 3/4, 5/6,
6/7, 7/8
Reed-Solomon decoder (204/188), (146/130)
Auto-synchronization for Viterbi decoder


유사한 부품 번호 - L64733C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470H STMICROELECTRONICS-L6470H Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470H STMICROELECTRONICS-L6470H Datasheet
743Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470HTR STMICROELECTRONICS-L6470HTR Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470HTR STMICROELECTRONICS-L6470HTR Datasheet
743Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
More results

유사한 설명 - L64733C

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH78G14 SHARP-BSFH78G14 Datasheet
53Kb / 2P
   Satellite Tuner
BSFH77G07 SHARP-BSFH77G07 Datasheet
53Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com