전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD03-05D 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 FDD03-05D
상세설명  DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FDD03-05D 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  FDD03-05D Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD03-05D Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD03-05D Datasheet HTML 3Page - List of Unclassifed Manufacturers FDD03-05D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
sales@chinfa.com
CIRCUIT SCHEMATIC
FDD03 SERIES
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
Dual Output Models
FDD03 - 05D
FDD03 - 12D
FDD03 - 15D
FDD03 - 05D1
FDD03 - 12D1
FDD03 - 15D1
FDD03 - 05D2
FDD03 - 12D2
FDD03 - 15D2
FDD03 - 05D3
FDD03 - 12D3
FDD03 - 15D3
FDD03 - 05D4
FDD03 - 12D4
FDD03 - 15D4
FDD03 - 05D5
FDD03 - 12D5
FDD03 - 15D5
20~60 VDC
20~60 VDC
20~60 VDC
9~18 VDC
9~18 VDC
9~18 VDC
18~36 VDC
18~36 VDC
18~36 VDC
36~72 VDC
36~72 VDC
36~72 VDC
9~36 VDC
9~36 VDC
9~36 VDC
18~72 VDC
18~72 VDC
18~72 VDC
2.5 WATTS
3
WATTS
3
WATTS
2
WATTS
2.4 WATTS
2.4 WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
2.5 WATTS
3
WATTS
3
WATTS
5 VDC
12 VDC
15 VDC
5 VDC
12 VDC
15 VDC
5 VDC
12 VDC
15 VDC
5 VDC
12 VDC
15 VDC
5 VDC
12 VDC
15 VDC
5 VDC
12 VDC
15 VDC
250 mA
125 mA
100 mA
200 mA
100 mA
80 mA
250 mA
125 mA
100 mA
250 mA
125 mA
100 mA
250 mA
125 mA
100 mA
250 mA
125 mA
100 mA
70%
72%
73%
65%
67%
67%
70%
72%
73%
70%
72%
73%
70%
72%
73%
70%
72%
73%
SINGLE & DUAL OUTPUT
Block diagram for FDD03 series with single output
Switching
Device
Reference &
Error Amp.
Opto -
Isolation
Vi +
Vi -
Vo -
Vo +
Rectifier
Control
Block diagram for FDD03 series with dual output
Vi +
Vi -
Vo -
Vo +
com
Switching
Device
Control
Opto -
Isolation
Rectifier
Rectifier
Reference &
Error Amp.
www.chinfa.com


유사한 부품 번호 - FDD03-05D

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD03-05D CHINFA-FDD03-05D Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-05D1 CHINFA-FDD03-05D1 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-05D1U CHINFA-FDD03-05D1U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-05D1U CHINFA-FDD03-05D1U Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-05D2 CHINFA-FDD03-05D2 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
More results

유사한 설명 - FDD03-05D

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
MORNSUN Science& Techno...
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
   3W SINGLE OUTPUT DC/DC CONVERTER
logo
Superworld Electronics
SW3R24S03WF SUPERWORLD-SW3R24S03WF Datasheet
198Kb / 2P
   3W Wide Input Single & Dual Output DC-DC Converter
logo
Mean Well Enterprises C...
DCW03 MEANWELL-DCW03_11 Datasheet
211Kb / 1P
   3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
DCW03 MEANWELL-DCW03 Datasheet
210Kb / 1P
   3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03_11 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com