전자부품 데이터시트 검색엔진 |
|
S-80851CLPF-B7CTFG 데이터시트(PDF) 1 Page - Seiko Instruments Inc |
|
S-80851CLPF-B7CTFG 데이터시트(HTML) 1 Page - Seiko Instruments Inc |
1 / 54 page Rev.3.2_00 ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-808xxC Series Seiko Instruments Inc. 1 The S-808xxC series is a series of high-precision voltage detectors developed using CMOS process. The detection voltage is fixed internally with an accuracy of ±2.0%. Two output forms, Nch open-drain and CMOS output, are available. Ultra-low current consumption and miniature package lineup can meet demand from the portable device applications. Features • Ultra-low current consumption 1.3 µA typ. (detection voltage≤1.4 V, at VDD=1.5 V) 0.8 µA typ. (detection voltage≥1.5 V, at VDD=3.5 V) • High-precision detection voltage ±2.0 % • Operating voltage range 0.65 V to 5.0 V (detection voltage ≤1.4 V) 0.95 V to 10.0 V (detection voltage ≥1.5 V) • Hysteresis characteristics 5 % typ. • Detection voltage 0.8 V to 6.0 V (0.1 V step) • Output form Nch open-drain output (Active Low) CMOS output (Active Low) Applications • Battery checkers • Power failure detectors • Power monitor for portable equipments such as pagers, calculators, electronic notebooks and remote controllers. • Constant voltage power monitor for cameras, video equipments and communication devices. • Power monitor for microcomputers and reset for CPUs. Packages Package name Drawing code Package Tape Reel Zigzag SC-82AB NP004-A NP004-A NP004-A SOT-23-5 MP005-A MP005-A MP005-A SOT-89-3 UP003-A UP003-A UP003-A SNT-4A PF004-A PF004-A PF004-A TO-92 (Bulk) YS003-B TO-92 (Tape and reel) YF003-A YF003-A YF003-A TO-92 (Tape and ammo) YF003-A YZ003-C YZ003-C |
유사한 부품 번호 - S-80851CLPF-B7CTFG |
|
유사한 설명 - S-80851CLPF-B7CTFG |