전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS65150 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS65150
상세설명  Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS65150 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPS65150 Datasheet HTML 5Page - Texas Instruments TPS65150 Datasheet HTML 6Page - Texas Instruments TPS65150 Datasheet HTML 7Page - Texas Instruments TPS65150 Datasheet HTML 8Page - Texas Instruments TPS65150 Datasheet HTML 9Page - Texas Instruments TPS65150 Datasheet HTML 10Page - Texas Instruments TPS65150 Datasheet HTML 11Page - Texas Instruments TPS65150 Datasheet HTML 12Page - Texas Instruments TPS65150 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
VO1
100 mV/div
IO
30 mA to 330 mA
VIN = 3.3 V
VS = 10 V, CO = 22 mF
100 ms/div
VIN
5 V/div
VS
5 V/div
IIN
500 mA/div
VIN = 5 V
VO = 13.5 V
Iout = 200 mA
2.5 ms/div
VS
5 V/div
VGH
10 V/div
VGL
5 V/div
VCOM
2 V/div
1 ms/div
VIN = 5 V
VO = 13.6 V/ 300 mA
VCOM CIN = 1 nF
VS
5 V/div
VGH
10 V/div
VGL
5 V/div
VCOM
5 V/div
2.5 ms/div
TPS65150
SLVS576 – SEPTEMBER 2005
LOAD TRANSIENT RESPONSE
SOFT START BOOST CONVERTER
Figure 7.
Figure 8.
POWER-ON SEQUENCING
POWER-ON SEQUENCING WITH
EXTERNAL ISOLATION MOSFET AT VS
Figure 9.
Figure 10.
9


유사한 부품 번호 - TPS65150

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS65150-Q1 TI-TPS65150-Q1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI1-TPS65150PWP Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPG4 TI1-TPS65150PWPG4 Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPR TI1-TPS65150PWPR Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPRG4 TI1-TPS65150PWPRG4 Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
More results

유사한 설명 - TPS65150

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS65150QPWPRQ1 TI-TPS65150QPWPRQ1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65146 TI-TPS65146 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC with LDO, VCOM Buffer and Reset Function
TPS65150 TI1-TPS65150_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65148 TI-TPS65148 Datasheet
1Mb / 30P
[Old version datasheet]   Compact TFT LCD Bias IC for Monitor with VCOM Buffer, Voltage Regulator for Gamma Buffer and Reset Function
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
Global Mixed-mode Techn...
G1612 GMT-G1612 Datasheet
122Kb / 1P
   Programmable Vcom Buffer with NVM for TFT LCD
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
   Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
   Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com