전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD70F3217A 데이터시트(PDF) 81 Page - NEC

부품명 UPD70F3217A
상세설명  32-Bit Single-Chip Microcontrollers
Download  757 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD70F3217A 데이터시트(HTML) 81 Page - NEC

Back Button UPD70F3217A Datasheet HTML 77Page - NEC UPD70F3217A Datasheet HTML 78Page - NEC UPD70F3217A Datasheet HTML 79Page - NEC UPD70F3217A Datasheet HTML 80Page - NEC UPD70F3217A Datasheet HTML 81Page - NEC UPD70F3217A Datasheet HTML 82Page - NEC UPD70F3217A Datasheet HTML 83Page - NEC UPD70F3217A Datasheet HTML 84Page - NEC UPD70F3217A Datasheet HTML 85Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 757 page
background image
CHAPTER 2 PIN FUNCTIONS
User’s Manual U15862EJ3V0UD
81
In addition to functioning as a port, PDL0 to PDL15 can also be used as an address/data bus in the multiplex
mode and as a data bus in the separate mode when the memory is expanded externally in the control mode
(external expansion mode).
The port mode and control mode can be selected as the operation mode for each bit
Note, and are specified by
the port DL mode control register (PMCDL).
Note When specifying the port mode/control mode (alternate function) for each bit, pay careful attention to
the operation of the alternate functions.
(a) Port mode
PDL0 to PDL15 can be set to input or output in 1-bit units by the port DL mode register (PMDL).
(b) Control mode
PDL0 to PDL15 can be used as AD0 to AD15 by the PMCDL register.
(i)
AD0 to AD15 (address/data bus) ... I/O
This is a multiplexed address/data bus during external access. In the address timing (T1 state), these
pins function as 22-bit address A0 to A15 output pins, and in the data timing (T2, TW, and T3), they
function as 16-bit data I/O bus pins.
(13) RESET (reset) ... Input
RESET input is an asynchronous input, and when a signal that has a certain low-level width is input,
regardless of the operation clock, system reset is executed with priority over all other actions.
In addition to normal initialize and start, RESET can also be used to release the standby mode (HALT, IDLE,
and STOP).
(14) REGC (regulator control) ... Input
This is the pin for connecting a capacitor for the regulator.
(15) X1, X2 (crystal for main clock)
These pins are used to connect the resonator that generates the main clock.
An external clock can also be input.
(16) XT1, XT2 (crystal for subclock)
These pins are used to connect the resonator that generates the subclock.
(17) AVSS (ground for analog)
This is the ground pin for the A/D converter and D/A converter.
(18) AVREF0 (analog reference voltage) ... Input
This is the pin for supplying the reference voltage for the A/D converter.
(19) AVREF1 (analog reference voltage) ... Input
This is the pin for supplying the reference voltage for the D/A converter.
(20) BVDD (power supply for bus interface)
This is the positive power supply pin for the bus interface.


유사한 부품 번호 - UPD70F3217A

제조업체부품명데이터시트상세설명
logo
NEC
UPD70F3217A NEC-UPD70F3217A Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results

유사한 설명 - UPD70F3217A

제조업체부품명데이터시트상세설명
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com