전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL2910L 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRL2910L
상세설명  HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL2910L 데이터시트(HTML) 1 Page - International Rectifier

  IRL2910L Datasheet HTML 1Page - International Rectifier IRL2910L Datasheet HTML 2Page - International Rectifier IRL2910L Datasheet HTML 3Page - International Rectifier IRL2910L Datasheet HTML 4Page - International Rectifier IRL2910L Datasheet HTML 5Page - International Rectifier IRL2910L Datasheet HTML 6Page - International Rectifier IRL2910L Datasheet HTML 7Page - International Rectifier IRL2910L Datasheet HTML 8Page - International Rectifier IRL2910L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRL2910S/L
HEXFET® Power MOSFET
PD - 91376C
S
D
G
VDSS = 100V
RDS(on) = 0.026Ω
ID = 55A
l
Logic-Level Gate Drive
l
Surface Mount
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dynamic dv/dt Rating
l
Fast Switching
l
Fully Avalanche Rated
10/09/03
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
55
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
39
A
IDM
Pulsed Drain Current …
190
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy‚…
520
mJ
IAR
Avalanche Current
29
A
EAR
Repetitive Avalanche Energy
20
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate up
to 2.0W in a typical surface mount application.
The through-hole version (IRL2910L) is available for low-
profile applications.
Description
2
D Pak
TO-262


유사한 부품 번호 - IRL2910L

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRL2910L ISC-IRL2910L Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRL2910L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com