전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC59LM806CFT-55 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC59LM806CFT-55
상세설명  4,194,304 / 8,388,608-WORDS x 4 BANKS x 16 / 8-BITS Network FCRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM806CFT-55 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC59LM806CFT-55 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM806CFT-55 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM806CFT-55 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM806CFT-55 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM806CFT-55 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM806CFT-55 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM806CFT-55 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM806CFT-55 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM806CFT-55 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TC59LM814/06CFT-50,-55,-60
2002-08-19
5/38
Note:
(1)
All voltages referenced to VSS, VSSQ.
(2)
VREF is expected to track variations in VDDQ DC level of the transmitting device.
Peak to peak AC noise on VREF may not exceed ±2% VREF (DC).
(3)
Overshoot limit: VIH (max) = VDDQ + 0.9 V with a pulse width ≤ 5 ns.
(4)
Undershoot limit: VIL (min) = −0.9 V with a pulse width ≤ 5 ns.
(5)
VIH (DC) and VIL (DC) are levels to maintain the current logic state.
(6)
VIH (AC) and VIL (AC) are levels to change to the new logic state.
(7)
VID is magnitude of the difference between CLK input level and CLK input level.
(8)
The value of VX (AC) is expected to equal VDDQ/2 of the transmitting device.
(9)
VISO means {VICK (CLK) + VICK ( CLK )} /2
(10)
Refer to the figure below.
(11)
In the case of external termination, VTT (termination voltage) should be gone in the range of VREF (DC)
± 0.04 V.
CAPACITANCE (VDD
,,,, VDDQ ==== 2.5 V, f ==== 1 MHz, Ta ==== 25°C)
SYMBOL
PARAMETER
MIN
MAX
UNIT
CIN
Input pin Capacitance
2.5
4.0
pF
CINC
Clock pin (CLK, CLK ) Capacitance
2.5
4.0
pF
CI/O
I/O pin (DQ, DQS) Capacitance
4.0
6.0
pF
CNC
1
NC
1
pin Capacitance
1.5
pF
CNC
2
NC
2
pin Capacitance
4.0
6.0
pF
Note: These parameters are periodically sampled and not 100% tested.
The NC
2
pins have additional capacitance for adjustment of the adjacent pin capacitance.
The NC
2
pins have Power and Ground clamp.
VISO (min)
VISO (max)
VICK
VICK
Vx
Vx
Vx
Vx
Vx
VICK
VICK
CLK
CLK
VSS
|VID (AC)|
0 V Differential
VISO
VSS
VID (AC)


유사한 부품 번호 - TC59LM806CFT-55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-40 TOSHIBA-TC59LM818DMB-40 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-40 TOSHIBA-TC59LM818DMG-40 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

유사한 설명 - TC59LM806CFT-55

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K4C89363AF SAMSUNG-K4C89363AF Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Winbond
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com