전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADD8608A8A-75B 데이터시트(PDF) 5 Page - A-Data Technology

부품명 ADD8608A8A-75B
상세설명  Double Data Rate SDRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  A-DATA [A-Data Technology]
홈페이지  https://www.adata.com
Logo A-DATA - A-Data Technology

ADD8608A8A-75B 데이터시트(HTML) 5 Page - A-Data Technology

  ADD8608A8A-75B Datasheet HTML 1Page - A-Data Technology ADD8608A8A-75B Datasheet HTML 2Page - A-Data Technology ADD8608A8A-75B Datasheet HTML 3Page - A-Data Technology ADD8608A8A-75B Datasheet HTML 4Page - A-Data Technology ADD8608A8A-75B Datasheet HTML 5Page - A-Data Technology ADD8608A8A-75B Datasheet HTML 6Page - A-Data Technology ADD8608A8A-75B Datasheet HTML 7Page - A-Data Technology ADD8608A8A-75B Datasheet HTML 8Page - A-Data Technology ADD8608A8A-75B Datasheet HTML 9Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
A-Data
ADD8608A8A
AC Operating Condition
Voltage referenced to Vss = 0V, TA = 0 to 70 ℃
Parameter
Symbol
Value
Unit
Note
AC input high / low level voltage
VIH / VIL
VREF+0.31/VREF-0.31
V
Input timing measurement reference level voltage
Vtrip
1.4
V
Input rise / fall time
TR / tF
1
Ns
Output timing measurement reference level
Voutfef
1.4
V
Output load capacitance for access time measurement
CL
50
pF
2
Note: 1. 3.15V ≦ VDD ≦ 3.6V is applied for VDD8608A4A5.
2. Output load to measure access times is equivalent to two TTL gates and one capacitor (30pF). For details,
refer to AC/DC output load circuit.
Capacitance
TA=25℃, f-=1Mhz
Parameter
Pin
Symbol
Min
Max
Unit
CK, /CK
Cl1
2
3.0
pF
Input capacitance
A0~A12,BS0,BS1,CKE,/CS,/RAS,
/CAS,/WE,DQM
Cl2
2
3.0
pF
Data input / output capacitance DQM
CI/O
4
5
pF
Output load circuit
Output Load Circuit (SSTL_2)
Output
Z0=50Ω
CLOAD=30pF
VREF
=0.5*VDDQ
RT=50Ω
Vtt=0.5*VDDQ
Rev 2 April, 2002
5


유사한 부품 번호 - ADD8608A8A-75B

제조업체부품명데이터시트상세설명
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
ADD8616A8A-75BA A-DATA-ADD8616A8A-75BA Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results

유사한 설명 - ADD8608A8A-75B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com