전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ4027B 데이터시트(PDF) 5 Page - Integral Corp.

부품명 IZ4027B
상세설명  Dual JK Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ4027B 데이터시트(HTML) 5 Page - Integral Corp.

  IZ4027B Datasheet HTML 1Page - Integral Corp. IZ4027B Datasheet HTML 2Page - Integral Corp. IZ4027B Datasheet HTML 3Page - Integral Corp. IZ4027B Datasheet HTML 4Page - Integral Corp. IZ4027B Datasheet HTML 5Page - Integral Corp. IZ4027B Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IW4027B
5
INTEGRAL
Figure 1. Switching Waveforms
VCC
0.5
0.5
0.1
0.1
0.9
0.9
0.5
0.5
0.5VCC
tREM
tPHL(tPLH)
VCC
VCC
VOL
VOHCC
0 V
0 V
0 V
tSU
tW
tHL
tLH
SET
(RESET)
Q(Q)
CLOCK
K(J)
UOL
VCC
0.5VCC
0.1
0.9
0.5
tPHL(tPLH)
VCC
UDD
VOHCC
0 V
0 V
tW2
Auoia nQ(nQ)
SET
(RESET)
Q(Q)
RESET
(SET)
tTHL(tTLH)
0 V


유사한 부품 번호 - IZ4027B

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ4040B INTEGRAL-IZ4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
List of Unclassifed Man...
IZ4053B ETC-IZ4053B Datasheet
71Kb / 8P
   Analog Multiplexer Demultiplexer
More results

유사한 설명 - IZ4027B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com