전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN12ACMLX 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FIN12ACMLX
상세설명  Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12ACMLX 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN12ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 13Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 14Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Preliminary
11
www.fairchildsemi.com
Absolute Maximum Ratings(Note )
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified.
Note 3: Typical Values are given for VDD
2.5V and TA
25
qC. Positive current values refer tot the current flowing into device and negative values means
current flowing out of pins. Voltage are referenced to Ground unless otherwise specified (except
'VOD and VOD).
Note 4: Typical values are given for VDDP 2.75V and TA 25qC.
Note 5: The definition of short-circuit includes all the possible situations. For example, the short of differential pairs to Ground, the short of differential pairs
(No Grounding) and either line of differential pairs tied to Ground.
Supply Voltage (VDD)
0.5V to 4.6V
ALL Input/Output Voltage
0.5V to 4.6V
CTL Output Short Circuit Duration
Continuous
Storage Temperature Range (TSTG)
65qC to 150qC
Maximum Junction Temperature (TJ)
150qC
Lead Temperature (TL)
(Soldering, 4 seconds)
260qC
ESD Rating
Human Body Model, 1.5K
:, 100pF
!2kV
Machine Model, 0
:, 200pF
!200V
Supply Voltage (VDDA, VDDS)
2.775V
r 5.0%V
Supply Voltage (VDDP)
1.65V to 3.6V
Operating Temperature (TA) (Note )
10qC to  70qC
Supply Noise Voltage (VDDA-PP)
100 mVP-P
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
(Note )
LVCMOS I/O
VIH
Input High Voltage
0.65 x VDDP
VDDP
VIL
Input Low Voltage
GND
0.35 x VDDP
V
VOH
Output High Voltage
IOH 2.0 mA
VDDP 3.3 r 0.3
0.75 x VDDP
V
VDDP 2.5 r 0.2
VDDP 1.8 r 0.15
VOL
Output Low Voltage
VDDP 3.3 r 0.3
V
IOL 2.0 mA
VDDP 2.5 r 0.2
0.25 x VDDP
VDDP 1.8 r 0.15
IIN
Input Current
VIN 0V to 3.6V
5.0
5.0
PA
IOFF
Input/Output Power-Off
VDDP 0V,
r5.0
PA
Leakage Current
ALL LVCMOS Inputs/ Outputs 0V to 3.6V
DIFFERENTIAL I/O (Note )
IODH
Output HIGH Source Current
VOS 1.0V Figure
TBD
PA
IODL
Output LOW Sink Current
VOS 1.0V Figure
TBD
PA
IOS
Short Circuit Output Current
VOUT 0V
Driver Enabled
mA
Driver Disabled
r5.0
PA
IOZ
Disabled Output Leakage Current
CKSO, DSO
0V to VDDS, S2 S1 0V
r1.0
r5.0
PA
ITH
Differential Input Threshold HIGH Current See Figure and Table
50.0
PA
ITL
Differential Input Threshold LOW Current
See Figure and Table
50.0
PA
IIZ
Disabled Input Leakage Current
CKSI, DSI
0V to VDDS, S2 S1 0V
r1.0
r5.0
PA
IIS
Short Circuit Input Current
VOUT VDDS
mA
VICM
Input Common Mode Range
VDDS 2.775 r 5%
0.5
VDDS-1
V
RTRM
CKSI, DS Internal Receiver
VID 50mV, VIC 925mV, DIR I 0
100
:
Termination Resistor
|CKSI - CKSI |
VID


유사한 부품 번호 - FIN12ACMLX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results

유사한 설명 - FIN12ACMLX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com