전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SCE028LD3MG5B 데이터시트(HTML) 1 Page - Mallory Sonalert Products Inc

부품명 SCE028LD3MG5B
상세내용  Voltage Rating: 16 to 28 VDC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MSPI [Mallory Sonalert Products Inc]
홈페이지  https://www.mspindy.com/default.aspx
Logo 

SCE028LD3MG5B 데이터시트(HTML) 1 Page - Mallory Sonalert Products Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 1 page
 1 / 1 page
background image
Part #:
Revision:
Loud
Medium
Continuous
Double Pulse
Dual Tone
Siren Sweep
Loud
Sound Level Category:
Mode of Operation:
cUL Recognized
Dimensions:
Housing Material:
Storage Temperature:
Operating Temperature
Panel Mounting:
NEMA 3R,4X, & 12:
Loud
Specifications:
SCE028LD3MG5B
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Loudness @ 2 FT:
6/6 Nylon, Color: Black
Pulse Rate (PPS):
Current Draw:
40mA MAX
-40° to +85° C
85 to 95 dB(A) Typ.
85 to 95 dB(A) Typ.
75 to 85 dB(A) Typ.
75 to 85 dB(A) Typ.
-40° to +85° C
Voltage Rating:
16 to 28 VDC
Weight (Typical):
cUL Recognition:
Please contact factory.
Options:
Inches (mm)
cUL Recognized
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Knurled Nut:
2900 ± 500 Hz
2900 ± 500 Hz
3.0 - 2.9 kHz
2.6 - 3.2 kHz
Connection:
T-BLOCK ONLY
T-BLOCK; BLACK WIRE
TO (-)
T-BLOCK; YELLOW
WIRE TO (-)
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010 ·
www.mallory-sonalert.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.6 oz (45g)
Approved with use of ACC03.
T-BLOCK; BOTH
WIRES TO (-)
N/A
2
7
5
Frequency:
S
T
®
R
S o l u t i o n s
L E
A
N
O
M a d e i n U . S . A .


Html Pages

1 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn