전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE310G2T10 데이터시트(PDF) 3 Page - Silicom Ltd.

부품명 PE310G2T10
상세설명  Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILICOM [Silicom Ltd.]
홈페이지  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G2T10 데이터시트(HTML) 3 Page - Silicom Ltd.

  PE310G2T10 Datasheet HTML 1Page - Silicom Ltd. PE310G2T10 Datasheet HTML 2Page - Silicom Ltd. PE310G2T10 Datasheet HTML 3Page - Silicom Ltd. PE310G2T10 Datasheet HTML 4Page - Silicom Ltd. PE310G2T10 Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Support PCI Express Base Specification 2.1 (5GT/s)
Low-Profile Adapter
Technical Specifications
Copper Gigabit Ethernet Technical Specifications
– (10GBase-T) Adapters:
IEEE Standard / Network
topology:
Copper 10Gigabit Ethernet, 10GBASE-T (IEEE 802.3an)
Gigabit Ethernet, 1000Base-T
100 Mb Ethernet: 100BASE- TX
Data Transfer Rate:
20 Gb/s, 2000Mb/s and 200 Mb/s in full duplex mode per port
Cables and Operating
distance:
100Base-Tx Category 5 maximum 100m
1000Base-T Category 5E maximum 100m
10GBase-T Category 6A maximum 100m
Operating Systems Support
Operating system support:
Windows
Linux
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 2.1 (5GT/s)
Board Size:
Low profile add-
in card: 167.65mm X 68.91mm (6.60”X 2.713”)
PCI Express Card Type:
X8 Lane
PCI Express Voltage:
+12V +- 8%
PCI Connector:
Gold Fingers: X8 Lane
Controller:
Broadcom BCM57810S (version B0)+ BCM84833 (version B1)
Holder:
Metal Bracket
I/O:
RJ45
Weight:
120 gram (4.233 oz)


유사한 부품 번호 - PE310G2T10

제조업체부품명데이터시트상세설명
logo
Silicom Ltd.
PE310G2BPI71 SILICOM-PE310G2BPI71 Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2BPI71-LR SILICOM-PE310G2BPI71-LR Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2BPI71-SR SILICOM-PE310G2BPI71-SR Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2I50 SILICOM-PE310G2I50 Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE310G2I50-T SILICOM-PE310G2I50-T Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
More results

유사한 설명 - PE310G2T10

제조업체부품명데이터시트상세설명
logo
Silicom Ltd.
PE310G2I50 SILICOM-PE310G2I50 Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE210G2I40 SILICOM-PE210G2I40 Datasheet
368Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE310G2M3 SILICOM-PE310G2M3 Datasheet
392Kb / 6P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE2G2I80 SILICOM-PE2G2I80 Datasheet
455Kb / 5P
   Dual Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G2B18 SILICOM-PE2G2B18 Datasheet
388Kb / 4P
   Dual Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G2I35 SILICOM-PE2G2I35 Datasheet
452Kb / 5P
   Dual Port Copper Gigabit Ethernet PCI Express Server Adapter
PE210G1I40 SILICOM-PE210G1I40 Datasheet
330Kb / 4P
   Single Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE310G4I40 SILICOM-PE310G4I40 Datasheet
333Kb / 4P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE2G2BPI35A SILICOM-PE2G2BPI35A Datasheet
585Kb / 7P
   Dual Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE210G2SPI9 SILICOM-PE210G2SPI9 Datasheet
381Kb / 7P
   Dual Port 10 Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com