전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE340G2DBIR 데이터시트(PDF) 12 Page - Silicom Ltd.

부품명 PE340G2DBIR
상세설명  Dual Port Fiber 40 Gigabit Ethernet PCI Express Content Director Bypass Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILICOM [Silicom Ltd.]
홈페이지  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE340G2DBIR 데이터시트(HTML) 12 Page - Silicom Ltd.

Back Button PE340G2DBIR Datasheet HTML 4Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 5Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 6Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 7Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 8Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 9Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 10Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 11Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 12Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
12
Disable bypass/Disconnect for a standard NIC emulation and operation, retained even with power cycle
Range of Watchdog timer timing, configurable for detecting appliance failure
Watchdog timer reset function by application or self-reset by the product bypass driver
Easy to read product status and product features capabilities
Fast switching between mode with less than 10mS of transit time
Compatible with all Silicom bypass products, one driver set and command set for all products
Order Information
P/N
Description
Notes
PE340G2DBIR-QS41
Dual port Fiber (SR4) 40 Gigabit Ethernet PCI
Express Content Director Bypass Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420,
on board support for Fiber SR4 up to length
100m on OM3 MMF
PE340G2DBIR-QS43
Dual port Fiber (SR4) 40 Gigabit Ethernet PCI
Express Content Director Bypass Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420,
on board support for Fiber SR4 300m on OM3
MMF
PE340G2DBIR-QL4
Dual port Fiber (LR4) 40 Gigabit Ethernet PCI
Express Content Director Bypass Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420,
on board support for Fiber LR4
1V9


유사한 부품 번호 - PE340G2DBIR

제조업체부품명데이터시트상세설명
logo
Silicom Ltd.
PE340G2QI71 SILICOM-PE340G2QI71 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71-QL4 SILICOM-PE340G2QI71-QL4 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71-QS41 SILICOM-PE340G2QI71-QS41 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71-QS43 SILICOM-PE340G2QI71-QS43 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71-QX4 SILICOM-PE340G2QI71-QX4 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
More results

유사한 설명 - PE340G2DBIR

제조업체부품명데이터시트상세설명
logo
Silicom Ltd.
PE3100G2DQIRM SILICOM-PE3100G2DQIRM Datasheet
971Kb / 12P
   Dual port Fiber 40/100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR SILICOM-PE3100G2DQIR Datasheet
603Kb / 10P
   Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRL SILICOM-PE3100G2DQIRL Datasheet
644Kb / 9P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DBIR SILICOM-PE3100G2DBIR Datasheet
587Kb / 10P
   Ethernet PCI Express Content Director Bypass Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
   Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE210G2BPI9 SILICOM-PE210G2BPI9 Datasheet
812Kb / 10P
   Dual Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
PE340G2QI71 SILICOM-PE340G2QI71 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE2G4BPFI35A SILICOM-PE2G4BPFI35A Datasheet
787Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPFI80 SILICOM-PE2G4BPFI80 Datasheet
531Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com