전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3100G2DQIR 데이터시트(PDF) 10 Page - Silicom Ltd.

부품명 PE3100G2DQIR
상세설명  Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILICOM [Silicom Ltd.]
홈페이지  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE3100G2DQIR 데이터시트(HTML) 10 Page - Silicom Ltd.

Back Button PE3100G2DQIR Datasheet HTML 2Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 3Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 4Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 5Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 6Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 7Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 8Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 9Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 10Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
11
Order Information
P/N
Description
Notes
PE3100G2DQIR-ZS4
Dual port Fiber (SR4) 100 Gigabit Ethernet PCI
Express Content Director Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420
PE3100G2DQIR-ZL4
Dual port Fiber (LR4) 100 Gigabit Ethernet PCI
Express Content Director Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420
Only Support
–LR4 with FEC enabled. As this
is not part of IEEE standard, link partner
should capable to support FEC enabled
PE340G2DQIR-QS41
Dual port Fiber (SR4) 40 Gigabit Ethernet PCI
Express Content Director Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420,
on board support for Fiber SR4 up to length
100m on OM3 MMF
PE340G2DQIR-QS43
Dual port Fiber (SR4) 40 Gigabit Ethernet PCI
Express Content Director Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420,
on board support for Fiber SR4 300m on OM3
MMF
PE340G2DQIR-QL4
Dual port Fiber (LR4) 40 Gigabit Ethernet PCI
Express Content Director Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420,
on board support for Fiber LR4
PE340G2DQIR-Qx4
Dual port Fiber (LR4) 40 Gigabit Ethernet PCI
Express Content Director Server Adapter
RoHS Compliant,
X16 Gen 3,
based on Intel FM10420,
on board support for QSFP28
1V8
usa.com
-
www.silicom


유사한 부품 번호 - PE3100G2DQIR

제조업체부품명데이터시트상세설명
logo
Silicom Ltd.
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QL4 SILICOM-PE3100G2DQIR8-QL4 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QS41 SILICOM-PE3100G2DQIR8-QS41 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QS43 SILICOM-PE3100G2DQIR8-QS43 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QX4 SILICOM-PE3100G2DQIR8-QX4 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
More results

유사한 설명 - PE3100G2DQIR

제조업체부품명데이터시트상세설명
logo
Silicom Ltd.
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRL SILICOM-PE3100G2DQIRL Datasheet
644Kb / 9P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRM SILICOM-PE3100G2DQIRM Datasheet
971Kb / 12P
   Dual port Fiber 40/100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE340G2DBIR SILICOM-PE340G2DBIR Datasheet
744Kb / 12P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Content Director Bypass Server Adapter
PE31625G24DIRA SILICOM-PE31625G24DIRA Datasheet
685Kb / 5P
   Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
PE310G4DBIR SILICOM-PE310G4DBIR Datasheet
794Kb / 12P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
PE2G2FI35 SILICOM-PE2G2FI35 Datasheet
572Kb / 5P
   Dual Port Fiber Gigabit Ethernet PCI Express Server Adapter
PE3100G2DBIR SILICOM-PE3100G2DBIR Datasheet
587Kb / 10P
   Ethernet PCI Express Content Director Bypass Server Adapter
PE310G2SPB32 SILICOM-PE310G2SPB32 Datasheet
556Kb / 5P
   Dual port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
   Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com