![]() |
전자부품 데이터시트 검색엔진 |
|
PE31625G24DIRA 데이터시트(HTML) 1 Page - Silicom Ltd. |
|
PE31625G24DIRA 데이터시트(HTML) 1 Page - Silicom Ltd. |
1 / 5 page ![]() Silicom Ltd. Connectivity Solutions Page 1 PE31625G24DIRA Server Adapter Six port 100 Gigabit Ethernet PCI Express Director Server Adapter Product Description Silicom’s 6 port 100 Gigabit Ethernet add-on switch PCIe server adapter is designed for servers and high-end appliances. The Silicom add-on switch PCIe server adapter is designed with an on board smart routing architecture that enables packets to be redirected or dropped based on defined rules and acts as Switch On NIC. The Silicom’s 6 port 100 Gigabit Ethernet add-on switch PCIe server adapter content aware packet director reduces host system process since only packets that are defined to be targeted to the host systems are routed to the host; other packets can be routed to the other port or can be dropped by the content aware hardware routing architecture. The Silicom’s 6 port 100 Gigabit Ethernet add-on switch PCIe server adapter is targeted to network applications that needs to process, monitor or bypass packets based on defined rules. The Silicom’s 6 port 100 Gigabit Ethernet add-on switch PCIe server adapter is based on Intel FM10840 Ethernet controller and a L3 switch router and Atom processor. The on board Atom processor manager is the control plan of the switch. The Silicom 6 ports 100 Gigabit Ethernet PCI Express content aware server adapter offers simple integration into any PCI Express 2X8 to 100Gigabit Network. Key Features Content Aware Director Provides intelligent packet redirection capability where rules specify which packets are directed to the host system and which packets are directed to the other port (Bypass). Provides intelligent packet redirection capability where all packets are directed to the other port (Bypassed) and rules that specify which packets are copied to the host system (TAP). Provides intelligent packet filtering / drop capability where rules specify which packets are directed to the host or dropped. Provides redirection rules that can be defined using source IP/ destination IP / Source Port / Destination Port / VLAN tuples. Redirection and packet filtering / drop are performed by the hardware itself in wire speed and do not require any software and CPU host system power processing. usa.com - www.silicom |
|