전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

P44ZGP510 데이터시트(HTML) 1 Page - promoco-motors.com

부품명 P44ZGP510
상세내용  DC Gear Motor
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PROMOCO [promoco-motors.com]
홈페이지  http://www.promoco-motors.com/index.php
Logo 

P44ZGP510 데이터시트(HTML) 1 Page - promoco-motors.com

   
Zoom Inzoom in Zoom Outzoom out
/ 1 page
 1 / 1 page
background image
DC Gear Motor
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
P44ZGP510
DC Gear Motor
General Specifications
90 x 36 mm
24 VDC
343.2 mNm
Customized solutions on request.
Electrical Specifications
Model
Voltage
No-
load
Current
No-
load
Speed
Rated
Current
Rated
Speed
Rated
Torque
Max. Momentary
Tolerance Torque
Gear
Ratio
VDC
A
rpm
A
rpm
mNm
P44JFG-3434-106
24
0.06
40
0.16
35
343.2
35
106
Typical values at ambient temperature of approx. 20°C. Tolerance ±10%.
Mechanical Dimensions


Html Pages

1 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn