전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PKC50DY 데이터시트(PDF) 3 Page - Wuxi U-NIKC Semiconductor CO.,LTD

부품명 PKC50DY
상세설명  Dual N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
홈페이지  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PKC50DY 데이터시트(HTML) 3 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PKC50DY Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC50DY Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC50DY Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC50DY Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC50DY Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC50DY Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC50DY Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC50DY Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD PKC50DY Datasheet HTML 9Page - Wuxi U-NIKC Semiconductor CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PKC50DY
Dual N-Channel Enhancement Mode MOSFET
Q2
3614
Q1
530
Q2
671
Q1
147
Q2
484
Q1
70
Q2
1
Q1
1.2
Q2
76.2
Q1
10.1
Q2
40.1
Q1
5.7
Q2
10.2
Q1
1.7
Q2
19.1
Q1
3.2
Q2
23
Q1
13
Q2
138
Q1
68
Q2
109
Q1
24
Q2
172
Q1
7
Q2
48
Q1
25
Q2
1
Q1
1.2
Q2
32
Q1
14
Q2
17
Q1
3
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3The maximum current rating is package limited.
Reverse Recovery Charge
Qrr
Q2
IF = 20A, dlF/dt = 100A /ms
Q1
IF = 10A, dlF/dt = 100A /mS
nS
nC
Forward Voltage
1
VSD
IF = 20A, VGS = 0V
IF = 10A, VGS = 0V
V
Reverse Recovery Time
trr
tr
Turn-Off Delay Time
2
td(off)
Fall Time
2
tf
Continuous Current
3
IS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
A
Qgs
Gate-Drain Charge
2
Qgd
Q2
VDS = 15V , ID = 20A
Q1
VDS = 15V , ID = 10A
nC
Turn-On Delay Time
2
td(on)
Q2
VDS = 15V,ID @ 20A,
VGS=10V, RGEN= 6Ω
Q1
VDS = 15V ,ID @ 10A,
VGS = 10V, RGEN =6Ω
nS
Rise Time
2
pF
Gate Resistance
Rg
VGS = 0V,
VDS = 0V, f = 1MHz
Ω
VGS=10V
Total Gate Charge
2
Qg
VGS=4.5V
Ciss
Output Capacitance
Coss
Reverse Transfer Capacitance
Crss
VGS = 0V,
VDS = 15V, f = 1MHz
Input Capacitance
DYNAMIC
DYNAMIC
Gate-Source Charge
2
REV 1.0
3
2017/1/3


유사한 부품 번호 - PKC50DY

제조업체부품명데이터시트상세설명
logo
NIKO SEMICONDUCTOR CO.,...
PKC50DY NIKOSEM-PKC50DY Datasheet
284Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor (Preliminary)
More results

유사한 설명 - PKC50DY

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com