전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PK626BA 데이터시트(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

부품명 PK626BA
상세설명  N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
홈페이지  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PK626BA 데이터시트(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PK626BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PK626BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1.3
1.75
2.35
±100
nA
1
10
1.8
3.5
1.4
1.9
80
S
3920
584
436
1.2
Ω
VGS =10V
77
VGS =4.5V
40
12
18
31
18
60
13
73
A
1
V
29
nS
13
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 35A.
STATIC
Drain-Source Breakdown
Voltage
V
IF = 20A, dlF/dt = 100A / mS
UNITS
Coss
Crss
VGS = 4.5V, ID = 16A
V(BR)DSS
TEST CONDITIONS
VDS = 20V, VGS = 0V, TJ = 55 °C
Ciss
VDS = 5V, ID = 20A
VDS = 0V, VGS = ±20V
gfs
RDS(ON)
Forward Transconductance
1
nC
VGS = 0V, VDS = 0V, f = 1MHz
Qgs
mA
DYNAMIC
VDS = 24V, VGS = 0V
Qgd
pF
IDSS
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
IF = 20A, VGS = 0V
nS
VDS = 15V,
ID @ 20A, VGS = 10V, RGEN = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
Gate Threshold Voltage
Drain-Source On-State
Resistance
1
Rg
Zero Gate Voltage Drain
Current
IGSS
VDS = VGS, ID = 250mA
VGS = 0V, ID = 250mA
Gate-Body Leakage
VGS(th)
Output Capacitance
VGS = 10V , ID = 20A
VDS = 15V,
VGS = 10V, ID = 20A
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Gate Resistance
Input Capacitance
VGS = 0V, VDS = 15V, f = 1MHz
PARAMETER
SYMBOL
LIMITS
Qg
Total Gate Charge
2
REV1.3
2
2016/6/23


유사한 부품 번호 - PK626BA

제조업체부품명데이터시트상세설명
logo
NIKO SEMICONDUCTOR CO.,...
PK626HY NIKOSEM-PK626HY Datasheet
276Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PK626HY UNIKC-PK626HY Datasheet
1Mb / 11P
   Dual N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - PK626BA

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com