전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3114-1 데이터시트(PDF) 9 Page - Analog Devices

부품명 LTC3114-1
상세설명  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC3114-1 데이터시트(HTML) 9 Page - Analog Devices

Back Button LTC3114-1 Datasheet HTML 5Page - Analog Devices LTC3114-1 Datasheet HTML 6Page - Analog Devices LTC3114-1 Datasheet HTML 7Page - Analog Devices LTC3114-1 Datasheet HTML 8Page - Analog Devices LTC3114-1 Datasheet HTML 9Page - Analog Devices LTC3114-1 Datasheet HTML 10Page - Analog Devices LTC3114-1 Datasheet HTML 11Page - Analog Devices LTC3114-1 Datasheet HTML 12Page - Analog Devices LTC3114-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC3114-1
9
Rev. D
For more information www.analog.com
BLOCK DIAGRAM
+
BIAS GENERATOR
1.2MHz OSCILLATOR
RUN
LDO 4.4V
PLDO
MODE
PGND
1.2V
VIN
2.1V
LDO
2.5V
LTC3114-1
GATE DRIVERS
PWM
AVERAGE
CURRENT
AMP
VOLTAGE
ERROR
AMP
SOFT-START
1V
IOUT
25k
BANDGAP REFERENCE POR
OVERTEMPERATURE PROTECTION
+
+
BST2
BST1
0.1A
PGND
PGND
10µA
OUTPUT
CURRENT
SENSE
MB
MA
MC
MD
SW1
SW2
PVOUT
VIN
PVIN
INDUCTOR
ISENSE
IZERO
REVERSE
BLOCKING
LDO
1V
1V
PROG
FB
VC
GND
31141 BD


유사한 부품 번호 - LTC3114-1

제조업체부품명데이터시트상세설명
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 24P
   40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
More results

유사한 설명 - LTC3114-1

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com