전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AOD609 데이터시트(PDF) 2 Page - VBsemi Electronics Co.,Ltd

부품명 AOD609
상세설명  N- and P-Channel 40 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOD609 데이터시트(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  AOD609 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.

SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
N-Ch
40
-
-
V
VGS = 0 V, ID = - 250 μA
P-Ch
- 40
-
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
N-Ch
1.0
-
3.0
VDS = VGS, ID = - 250 μA
P-Ch
- 1.0
-
-30
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch
-
-
± 100
nA
P-Ch
-
-
± 100
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 40 V
N-Ch
-
-
1
μA
VGS = 0 V
VDS = - 40 V
P-Ch
-
-
- 1
VGS = 0 V
VDS = 40 V, TJ = 125 °C
N-Ch
-
-
50
VGS = 0 V
VDS = - 40 V, TJ = 125 °C
P-Ch
-
-
- 50
VGS = 0 V
VDS = 40 V, TJ = 175 °C
N-Ch
-
-
150
VGS = 0 V
VDS = - 40 V, TJ = 175 °C
P-Ch
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS 5 V
N-Ch
25
-
-
A
VGS = - 10 V
VDS 5 V
P-Ch
- 25
-
-
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 38 A
N-Ch
-
0.014
VGS = - 10 V
ID = - 38 A
P-Ch
-
0.014
VGS = 10 V
ID = 38 A, T
J = 125 °C
N-Ch
-
-
0.017
VGS = - 10 V
ID = - 38 A, T
J = 125 °C
P-Ch
-
-
0.017
VGS = 10 V
ID = 38 A, T
J = 175 °C
N-Ch
-
-
0.025
VGS = - 10 V
ID = - 38 A, T
J = 175 °C
P-Ch
-
-
0.025
VGS = 4.5 V
ID = 30 A
N-Ch
-
0.016
-
VGS = - 4.5 V
ID = - 30A
P-Ch
-
0.016
-
Forward Transconductanceb
gfs
VDS = 15 V, ID = 38 A
N-Ch
-
40
-
S
VDS = - 15 V, ID = - 38 A
P-Ch
-
18
-
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 20 V, f = 1 MHz
N-Ch
-
1799
2248
pF
VGS = 0 V
VDS = - 20 V, f = 1 MHz
P-Ch
-
2000
3500
Output Capacitance
Coss
VGS = 0 V
VDS = 20 V, f = 1 MHz
N-Ch
-
282
352
VGS = 0 V
VDS = - 20 V, f = 1 MHz
P-Ch
-
320
550
Reverse Transfer Capacitance
Crss
VGS = 0 V
VDS = 20 V, f = 1 MHz
N-Ch
-
109
136
VGS = 0 V
VDS = - 20 V, f = 1 MHz
P-Ch
-
220
360
Total Gate Chargec
Qg
VGS = 10 V
VDS = 20 V, ID = 10 A
N-Ch
-
310
-
nC
VGS = - 10 V
VDS = - 20 V, ID = - 10 A
P-Ch
Gate-Source Chargec
Qgs
VGS = 10 V
VDS = 20 V, ID = 10 A
N-Ch
-
5.7
-
VGS = - 10 V
VDS = - 20 V, ID = - 10 A
P-Ch
-
5.5
-
Gate-Drain Chargec
Qgd
VGS = 10 V
VDS = 20 V, ID = 10 A
N-Ch
-
4.8
-
VGS = - 10 V
VDS = - 20 V, ID = - 10 A
P-Ch
-
10.5
-
Gate Resistance
Rg
f = 1 MHz
N-Ch
2
4.11
6.2
P-Ch
3.1
6.3
9.5
-
420
-
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD609
2


유사한 부품 번호 - AOD609

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOD609 AOSMD-AOD609 Datasheet
254Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD609 AOSMD-AOD609 Datasheet
275Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AOD609 AOSMD-AOD609_09 Datasheet
275Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
More results

유사한 설명 - AOD609

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com