전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AOI407 데이터시트(HTML) 4 Page - VBsemi Electronics Co.,Ltd

부품명 AOI407
상세내용  P-Channel 40 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo 

AOI407 데이터시트(HTML) 4 Page - VBsemi Electronics Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
Avalanche Current vs. Time
0
0.3
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 30 A
tin (s)
1000
10
0.00001
0.001
0.1
1
100
0.01
0.0001
IAV (A) at TA = 25 °C
IAV (A) at TA = 150 °C
1
0.1
Source-Drain Diode Forward Voltage
Drain Source Breakdown
vs. Junction Temperature
0
0.2
0.4
0.6
0.8
1.0
VSD - Source-to-Drain Voltage (V)
100
10
1
TJ = 25 °C
TJ = 150 °C
25
30
35
40
45
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
ID = 250 µA
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI407
4


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn