전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AOI407 데이터시트(HTML) 5 Page - VBsemi Electronics Co.,Ltd

부품명 AOI407
상세내용  P-Channel 40 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo 

AOI407 데이터시트(HTML) 5 Page - VBsemi Electronics Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 5 / 7 page
background image
THERMAL RATINGS
Maximum Avalanche and Drain Current
vs. Case Temperature
0
15
30
45
60
75
90
0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Safe Operating Area
1000
1
0.1
1
10
100
0.1
100
1 ms
100 µs
TC = 25 °C
Single Pulse
DC
10 ms
10
Limited
by RDS(on)*
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
100 ms
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10- 4
10- 3
10- 2
10- 1
1
10
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI407
5


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn