전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AOI407 데이터시트(HTML) 1 Page - VBsemi Electronics Co.,Ltd

부품명 AOI407
상세내용  P-Channel 40 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo 

AOI407 데이터시트(HTML) 1 Page - VBsemi Electronics Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 1 / 7 page
background image
P-Channel 4 0 V (D-S) MOSFET
FEATURES
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
- 40
0.010 at VGS = - 10 V
±
0.0
at VGS = - 4.5 V
±
S
G
D
P-Channel MOSFET
Notes:
a. Package limited.
b. Duty cycle
 1 %.
c. When mounted on 1" square PCB (FR-4 material).
d. See SOA curve for voltage derating.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
± 40
V
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
-
a
A
TC = 125 °C
- 52
Pulsed Drain Current
IDM
- 220
Avalanche Current
IAR
- 60
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
180
mJ
Power Dissipation
TC = 25 °C
PD
45
W
TA = 25 °C
3.75
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient
PCB Mount (TO-263)c
RthJA
40
°C/W
Free Air (TO-220AB)
62.5
Junction-to-Case
RthJC
0.8
Available
RoHS*
COMPLIANT
14
55
54
55
TO-251
S
D
G
Top View
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI407
1


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn