전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AOI407 데이터시트(HTML) 3 Page - VBsemi Electronics Co.,Ltd

부품명 AOI407
상세내용  P-Channel 40 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo 

AOI407 데이터시트(HTML) 3 Page - VBsemi Electronics Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 3 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
0
50
100
150
200
250
02468
10
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
4 V
2 V
3 V
ID - Drain Current (A)
125 °C
0
30
60
90
120
150
0
20406080
100
25 °C
TC = - 55 °C
0
500
1000
1500
2000
2500
3000
0
6
12
18
24
30
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
40
80
120
160
200
0123456
VGS - Gate-to-Source Voltage (V)
25 °C
125 °C
TC = - 55 °C
0
0.005
0.010
0.015
0.020
0.025
0.030
0
20406080
100
120
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
4
8
12
16
20
0
50
100
150
200
250
300
Qg - Total Gate Charge (nC)
VDS = 15 V
ID = 75 A
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI407
3


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn