전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RJF36100U63AE1 데이터시트(PDF) 1 Page - Schneider Electric

부품명 RJF36100U63AE1
상세설명  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RJF36100U63AE1 데이터시트(HTML) 1 Page - Schneider Electric

  RJF36100U63AE1 Datasheet HTML 1Page - Schneider Electric RJF36100U63AE1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
RJF36100U63AE1
POWERPACT R-FRAME, MOLDED CASE
CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
Price* : 31,097.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact R
Current sensor rating range
1000 A
Trip unit technology
Electronic, power, Micrologic 5.0 P, LSI
Complementary
[Ie] rated operational current
1000 A
[Ue] rated operational voltage
600 V AC
Mounting mode
Unit mount
Poles description
3P
Breaking capacity
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
Breaking capacity code
J
Continuous current rating
80 %
Electrical connection
Busbar connection line
Busbar connection load
Height
16.24 in (412.50 mm)
Width
16.53 in (419.86 mm)
Depth
14.49 in (368.05 mm)
Communication interface
Modbus
Tightening torque
601.85 lbf.in (68 N.m) 0.08…0.62 in² (50…400 mm²) AWG 1/0...750 kcmil)
601.85 lbf.in (68 N.m) 0.08…0.23 in² (50…150 mm²) AWG 1/0...300 kcmil)
Environment
Product certifications
UL Listed
CSA
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 12, 2020
1


유사한 부품 번호 - RJF36100U63AE1

제조업체부품명데이터시트상세설명
logo
Schneider Electric
RJF36100U64AE1 SCHNEIDER-RJF36100U64AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
More results

유사한 설명 - RJF36100U63AE1

제조업체부품명데이터시트상세설명
logo
Schneider Electric
RJF36100U43A SCHNEIDER-RJF36100U43A Datasheet
65Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U44A SCHNEIDER-RJF36100U44A Datasheet
112Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U64AE1 SCHNEIDER-RJF36100U64AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U41A SCHNEIDER-RJF36100U41A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU44A SCHNEIDER-RJF36100CU44A Datasheet
112Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU63AE1 SCHNEIDER-RJF36100CU63AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U31A SCHNEIDER-RJF36100U31A Datasheet
147Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U73AE1 SCHNEIDER-RJF36100U73AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU33A SCHNEIDER-RJF36100CU33A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU31A SCHNEIDER-RJF36100CU31A Datasheet
165Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU41A SCHNEIDER-RJF36100CU41A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com