전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RJF36100U73AE1 데이터시트(HTML) 1 Page - Schneider Electric

부품명 RJF36100U73AE1
상세내용  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo 

RJF36100U73AE1 데이터시트(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
Product data sheet
Characteristics
RJF36100U73AE1
POWERPACT R-FRAME, MOLDED CASE
CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
Price* : 35,180.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact R
Current sensor rating range
1000 A
Trip unit technology
Electronic, harmonic, Micrologic 5.0 H, LSI
Complementary
[Ie] rated operational current
1000 A
[Ue] rated operational voltage
600 V AC
Mounting mode
Unit mount
Poles description
3P
Breaking capacity
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
Breaking capacity code
J
Continuous current rating
80 %
Electrical connection
Busbar connection line
Busbar connection load
Height
16.24 in (412.50 mm)
Width
16.53 in (419.86 mm)
Depth
14.49 in (368.05 mm)
Communication interface
Modbus
Tightening torque
601.85 lbf.in (68 N.m) 0.08…0.62 in² (50…400 mm²) AWG 1/0...750 kcmil)
601.85 lbf.in (68 N.m) 0.08…0.23 in² (50…150 mm²) AWG 1/0...300 kcmil)
Environment
Product certifications
UL Listed
CSA
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 12, 2020
1


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn