전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EL1648DR2 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC100EL1648DR2
상세설명  5 V ECL Voltage Controlled Oscillator Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648DR2 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC100EL1648DR2 Datasheet HTML 6Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 7Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 8Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 9Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 10Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 11Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 12Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 13Page - ON Semiconductor MC100EL1648DR2 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC100EL1648
http://onsemi.com
10
WAVE−FORM CONDITIONING − SINE OR SQUARE WAVE
The peak−to−peak swing of the tank circuit is set
internally by the AGC pin. Since the voltage swing of the
tank circuit provides the drive for the output buffer, the AGC
potential directly affects the output waveform. If it is desired
to have a sine wave at the output of the MC100EL1648, a
series resistor is tied from the AGC point to the most
negative power potential (ground if positive volt supply is
used, −5.2 V if a negative supply is used) as shown in
Figure 13. At frequencies above 100 MHz typical, it may be
desirable to increase the tank circuit peak−to−peak voltage
in order to shape the signal into a more square waveform at
the output of the MC100EL1648. This is accomplished by
tying a series resistor (1.0 k
W minimum) from the AGC to
the most positive power potential (+5.0 V if a positive volt
supply is used, ground if a −5.2 V supply is used). Figure 14
illustrates this principle.
Figure 13. Method of Obtaining a Sine−Wave Output
10
12
78
3
5
Output
+5.0Vdc
114
Figure 14. Method of Extending the Useful Range
of the MC100EL1648 (Square Wave Output)
10
12
78
3
5
Output
+5.0Vdc
114
1.0k min


유사한 부품 번호 - MC100EL1648DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL1648DR2 ONSEMI-MC100EL1648DR2 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DR2 ONSEMI-MC100EL1648DR2 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648DR2G ONSEMI-MC100EL1648DR2G Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DR2G ONSEMI-MC100EL1648DR2G Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
More results

유사한 설명 - MC100EL1648DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_07 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648 ONSEMI-MC100EL1648_06 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
SYNERGY MICROWAVE CORPO...
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com