전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBL127 데이터시트(PDF) 8 Page - CINCON ELECTRONICS Corporation

부품명 QBL127
상세설명  HEATSINK KIT for DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CINCON [CINCON ELECTRONICS Corporation]
홈페이지  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

QBL127 데이터시트(HTML) 8 Page - CINCON ELECTRONICS Corporation

Back Button QBL127 Datasheet HTML 4Page - CINCON ELECTRONICS Corporation QBL127 Datasheet HTML 5Page - CINCON ELECTRONICS Corporation QBL127 Datasheet HTML 6Page - CINCON ELECTRONICS Corporation QBL127 Datasheet HTML 7Page - CINCON ELECTRONICS Corporation QBL127 Datasheet HTML 8Page - CINCON ELECTRONICS Corporation QBL127 Datasheet HTML 9Page - CINCON ELECTRONICS Corporation QBL127 Datasheet HTML 10Page - CINCON ELECTRONICS Corporation QBL127 Datasheet HTML 11Page - CINCON ELECTRONICS Corporation QBL127 Datasheet HTML 12Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
V11
8
HB CASE HEATSINK
Heat Sink: HBT127 (M-C091) Transverse Fins
All Dimensions in mm
M -C091
58
48.2
12.7
2.7
50.8
61
Rca: 4.7°C/W (typ.), at natural convection
2.89°C/W (typ.), at 100LFM
2.30°C/W (typ.), at 200LFM
1.88°C/W (typ.), at 300LFM
1.59°C/W (typ.), at 400LFM


유사한 부품 번호 - QBL127

제조업체부품명데이터시트상세설명
logo
Schneider Electric
QBL22000S22 SCHNEIDER-QBL22000S22 Datasheet
130Kb / 2P
   POWERPACT AUTOMATIC MOULDED CASE SWITCH 240V 225 A Q-Frame
QBL22070 SCHNEIDER-QBL22070 Datasheet
128Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 70 A
QBL22080 SCHNEIDER-QBL22080 Datasheet
128Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 80 A
QBL22090 SCHNEIDER-QBL22090 Datasheet
128Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 90 A
QBL22100 SCHNEIDER-QBL22100 Datasheet
115Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 100 A
More results

유사한 설명 - QBL127

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7809A IRF-IRF7809A Datasheet
128Kb / 4P
   Chipset for DC-DC Converters
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
   Power MOSFET for DC-DC Converters
logo
Infineon Technologies A...
IPB015N08N5 INFINEON-IPB015N08N5 Datasheet
1Mb / 12P
   Optimized technology for DC/DC converters
Rev.2.1,2015-10-15
logo
International Rectifier
IRF7807 IRF-IRF7807 Datasheet
239Kb / 8P
   Chip-Set for DC-DC Converters
IRF7822 IRF-IRF7822 Datasheet
71Kb / 6P
   Power MOSFET for DC-DC Converters
IRLR8503 IRF-IRLR8503 Datasheet
101Kb / 8P
   HEXFET MOSFET for DC-DC Converters
logo
Infineon Technologies A...
IPA041N04NG INFINEON-IPA041N04NG Datasheet
1Mb / 12P
   Optimized technology for DC/DC converters
Rev.2.0,2014-03-12
logo
Rohm
BA9700A ROHM-BA9700A Datasheet
141Kb / 7P
   Switching regulator for DC / DC Converters
logo
International Rectifier
IRF7805 IRF-IRF7805 Datasheet
236Kb / 8P
   Chip-Set for DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com