전자부품 데이터시트 검색엔진 |
|
TDA1565TH 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
TDA1565TH 데이터시트(HTML) 3 Page - NXP Semiconductors |
3 / 27 page 2004 Jan 27 3 Philips Semiconductors Product specification High efficiency 2 × 40 W / 2 Ω stereo car radio power amplifier TDA1565TH BLOCK DIAGRAM handbook, full pagewidth MHC600 + − + − + − + − MUTE channel 2 channel 1 V/I V/I V/I I/V I/V V/I SLAVE CONTROL 14 13 IN2 + 19 CIN IN2 − 60 k Ω 60 k Ω 60 k Ω 60 k Ω 25 k Ω Vref OUT2 − OUT2 + 7 8 CSE 16 + − + − + − + − MUTE SLAVE CONTROL 17 18 IN1 + 1 n.c. IN1 − OUT1 + OUT1 − 4 3 + − VP STANDBY LOGIC CLIP DETECTION AND THERMAL PROTECTION PRE-WARNING 215 MODE DIAG GND1 5 GND2 6 VP2 11 VP1 20 TDA1565TH 9 n.c. 10 n.c. 12 n.c. Fig.1 Block diagram. |
유사한 부품 번호 - TDA1565TH |
|
유사한 설명 - TDA1565TH |