전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5212D 데이터시트(PDF) 6 Page - SamHop Microelectronics Corp.

부품명 SM5212D
상세설명  SM5212D is a remote control decoder paired with SM5212E utilizing CMOS Technology.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5212D 데이터시트(HTML) 6 Page - SamHop Microelectronics Corp.

  SM5212D Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5212D Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5212D Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5212D Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5212D Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5212D Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5212D Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5212D Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DC ELECTRICAL CHARACTERISTICS
VDD
VDD=5V OSC stop
LIMIT
MIN.
TYP.
MAX.
µ
Page 6
A
mA
mA
Operating Voltage
ISTB
IDD
IO
IO
IVT
FOCS
V1.0
ABSOLUTE MAXIMUM RATINGS
Symbol
VI - Vss
Vss - VDD
Topr
Tstg
Supply Voltage
Input Voltage
Operating Temperature
Storage Temperature
VDD - Vss = 12V
-0.3~13
Vss-0.3~VDD+0.3
-20~75
-50~125
Unit
V
V
oC
oC
Parameter
Conditions
Ratings
SYMBOL
PARAMETER
CONDITIONS
UNIT
Standby Current
Operating Current
Data Output Source
Current (D8~D11)
Data Output Sink
Current (D8~D11)
VT Output Source Current
VT Output Sink Current
"H" Input Voltage
"L" Input Voltage
Oscillator Frequency
V
A
A
µ
µ
mA
mA
V
V
2.4
5
12
-
0.1
1
-
2
4
-
-1
1
200
-1.6
1.6
400
-
-
-1
1
3.5
0
-1.6
1.6
-
-
-
-
5
1
VDD=12V OSC stop
VDD=5V No load
Fosc=150kHz
VDD=5V
VOH=4.5V
-
150
-
kHz
VDD=5V
VOL=0.5V
VDD=5V VOH=4.5V
VDD=5V VOL=0.5V
- (VDD=5V)
- (VDD=5V)
VDD=5V
ROSC=51k
VIH
VIL
(Ta=25 oC)
SM5212D
212 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


유사한 부품 번호 - SM5212D

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SM5212E SAMHOP-SM5212E Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
SM5212E-S SAMHOP-SM5212E-S Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
More results

유사한 설명 - SM5212D

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SM5212E SAMHOP-SM5212E Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Silvan Chip Electronics...
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
SamHop Microelectronics...
SM5162 SAMHOP-SM5162 Datasheet
60Kb / 12P
   RF remote control encoder paired with SM5172.
logo
List of Unclassifed Man...
EV1527 ETC2-EV1527 Datasheet
100Kb / 3P
   EV1527 is OTP Encoder utilizing CMOS technology process
logo
Motorola, Inc
MC145030 MOTOROLA-MC145030 Datasheet
198Kb / 8P
   Remote Control Encoder/Decoder LSI CMOS
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com