전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

5102-PBM-PN 데이터시트(PDF) 1 Page - Moxa Inc.

부품명 5102-PBM-PN
상세설명  1-port PROFIBUS-to-PROFINET gateways
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOXA [Moxa Inc.]
홈페이지  https://www.moxa.com/
Logo MOXA - Moxa Inc.

5102-PBM-PN 데이터시트(HTML) 1 Page - Moxa Inc.

  5102-PBM-PN Datasheet HTML 1Page - Moxa Inc. 5102-PBM-PN Datasheet HTML 2Page - Moxa Inc. 5102-PBM-PN Datasheet HTML 3Page - Moxa Inc. 5102-PBM-PN Datasheet HTML 4Page - Moxa Inc. 5102-PBM-PN Datasheet HTML 5Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.moxa.com
1
MGate 5102-PBM-PN Series
1-port PROFIBUS-to-PROFINET gateways
Features and Benefits
Protocol conversion between PROFIBUS and PROFINET
Supports PROFINET IO device
Supports PROFIBUS DP V1 master
Automatic scan of PROFIBUS devices and easy configuration
Web-based GUI for I/O data visualization
Built-in Ethernet cascading for easy wiring
microSD card for configuration backup/duplication and event logs
Embedded I/O monitoring and diagnostic information for easy
troubleshooting
Status monitoring and fault protection for easy maintenance
Supports redundant dual DC power inputs and 1 relay output
-40 to 75°C wide operating temperature models available
Serial port with 2 kV isolation protection
Security features based on IEC 62443
Certifications
Introduction
The MGate 5102-PBM-PN gateway provides a communication portal between PROFIBUS devices (e.g., PROFIBUS PLC or drive) and the
PROFINET host. All models are protected with a rugged metallic casing, DIN-rail mountable, and offer optional built-in optical isolation. The
PROFIBUS and Ethernet status LED indicators are provided for easy maintenance. The rugged design is suitable for industrial applications such as
oil and gas, power, process automation, and factory automation.
Easy Setup Tools
Both the Windows MGate Manager utility and web console support
the AutoScan function, which makes configuration and operation
easy. AutoScan automatically detects all connected PROFIBUS slave
devices and their available I/O modules, allowing you to configure
your gateways very quickly, and a data mapping table is provided.
Furthermore, one click is all that’s needed to export all PROFIBUS I/O
modules to a GSDML file to assist in the configuration of the
PROFINET controller (e.g., a Siemens PLC).
A Variety of Maintenance Functions
The MGate 5102-PBM-PN provides a web console and Telnet console for remote maintenance, with both consoles supporting encryption
commutation functions such as HTTPS and SSH to prevent unauthorized access. The status and changes in I/O data of all PROFIBUS slaves can
be monitored remotely via the web console, and users can also review the log from the web console to see which system events have occurred. A
relay output alarm is provided for the power input and Ethernet cable status. These functions make it easy for maintenance engineers to
troubleshoot and maintain devices.
Redundant Power Inputs
The MGate 5102-PBM-PN has dual power inputs for greater reliability. The power inputs allow simultaneous connection to 2 live DC power sources
to provide uninterrupted operation even if one power source fails. The higher level of reliability makes these advanced PROFIBUS-master-to-
PROFINET gateways ideal for demanding industrial applications.


유사한 부품 번호 - 5102-PBM-PN

제조업체부품명데이터시트상세설명
Molex Electronics Ltd.
Molex Electronics Ltd.
5102-03 MOLEX2-5102-03 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 3 Circuits
5102-04 MOLEX2-5102-04 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 4 Circuits
5102-05 MOLEX2-5102-05 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 5 Circuits
5102-06 MOLEX2-5102-06 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 6 Circuits
5102-07 MOLEX2-5102-07 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 7 Circuits
More results

유사한 설명 - 5102-PBM-PN

제조업체부품명데이터시트상세설명
Moxa Inc.
Moxa Inc.
5111 MOXA-5111 Datasheet
728Kb / 6P
   1-port Modbus/PROFINET/EtherNet/IP to PROFIBUS slave gateways
5101-PBM-MN MOXA-5101-PBM-MN Datasheet
1Mb / 5P
   1-port PROFIBUS-to-Modbus TCP gateways
4101-MB-PBS MOXA-4101-MB-PBS Datasheet
730Kb / 5P
   1-port Modbus RTU/ASCII-to-PROFIBUS slave gateways
5118 MOXA-5118 Datasheet
817Kb / 6P
   1-port CAN-J1939 to Modbus/PROFINET/EtherNet/IP gateways
5103 MOXA-5103 Datasheet
734Kb / 6P
   1-port Modbus RTU/ASCII/TCP/EtherNet/IP-to-PROFINET gateways
EIP3170 MOXA-EIP3170 Datasheet
1Mb / 5P
   1 and 2-port EtherNet/IP-to-DF1 gateways
MB3170 MOXA-MB3170 Datasheet
1Mb / 6P
   1 and 2-port advanced serial-to-Ethernet Modbus gateways
MB3180 MOXA-MB3180 Datasheet
1Mb / 5P
   1, 2, and 4-port standard serial-to-Ethernet Modbus gateways
5114 MOXA-5114 Datasheet
980Kb / 5P
   1-port Modbus RTU/ASCII/TCP/IEC 101-to-IEC 104 gateways
5109 MOXA-5109 Datasheet
751Kb / 6P
   1-port Modbus RTU/ASCII/TCP-to-DNP3 serial/TCP/UDP gateways
More results


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com