전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ74LV620 데이터시트(PDF) 2 Page - Integral Corp.

부품명 IZ74LV620
상세설명  OCTAL 3-STATE INVERTING BUS TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV620 데이터시트(HTML) 2 Page - Integral Corp.

  IZ74LV620 Datasheet HTML 1Page - Integral Corp. IZ74LV620 Datasheet HTML 2Page - Integral Corp. IZ74LV620 Datasheet HTML 3Page - Integral Corp. IZ74LV620 Datasheet HTML 4Page - Integral Corp. IZ74LV620 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IN74LV620
2
Absolute maximum ratings*
Symbol
Parameter
Value
Unit
VCC
Supply voltage
from -0.5 to
+5.0
V
IIK *
1
Input diode current
±20
mA
IOK *
2
Output diode current
±50
mA
IO *
3
Output current source-drain
±35
mA
ICC
Supply output current
±70
mA
IGND
Common output current
±70
mA
PD
Dissipation power at free air change,
Plastic
DIP
*4
SOIC *4
750
500
mW
Tstg
Storage temperature
from -65 to
+150
°C
TL
260
°C
* Under absolute maximum conditions operation of microcircuits is not guaranteed.
Operation under maximum conditions is guaranteed.
*1 If VI < -0.5V or VI > VCC + 0.5 V.
*2 If VO < -0.5V or VO > VCC + 0.5 V.
*3 If -0.5V < VO < VCC + 0.5 V.
*4 Under operation in the temperature range from 65
°С to 125°C value of dissipation power
drops down - to 10 mW/
°C for Plastic DIP
- to 7 mW/
°C for SOIC
Maximum conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.2
3.6
V
VIN
Input voltage
0
VCC
V
VOUT
Output voltage
0
VCC
V
TA
Operation temperature. For all packages
-40
125
°C
VCC =1.2 В
0
1000
VCC =2.0 В
700
VCC =3.0 В
500
tLH, tHL
Period of signal rise and
fall edges (Figure 1)
VCC =3.6 В
400
ns


유사한 부품 번호 - IZ74LV620

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ74LV623 INTEGRAL-IZ74LV623 Datasheet
133Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
More results

유사한 설명 - IZ74LV620

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com