전자부품 데이터시트 검색엔진 |
|
74ALVT16240DGG 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
74ALVT16240DGG 데이터시트(HTML) 6 Page - NXP Semiconductors |
6 / 16 page 9397 750 15192 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 4 July 2005 6 of 16 Philips Semiconductors 74ALVT16240 16-bit inverting buffer/driver; 3-state 9. Recommended operating conditions Table 6: Recommended operating conditions Symbol Parameter Conditions Min Typ Max Unit VCC = 2.5 V ± 0.2 V VCC supply voltage 2.3 - 2.7 V VI input voltage 0 - 5.5 V VIH HIGH-level input voltage 1.7 - - V VIL LOW-level input voltage - - 0.7 V IOH HIGH-level output current - - −8mA IOL LOW-level output current none - - 8 mA current duty cycle ≤ 50 %; f ≥ 1 kHz - - 24 mA ∆t/∆V input transition rise or fall rate outputs enabled - - 10 ns/V Tamb ambient temperature in free air −40 - +85 °C VCC = 3.3 V ± 0.3 V VCC supply voltage 3.0 - 3.6 V VI input voltage 0 - 5.5 V VIH HIGH-level input voltage 2.0 - - V VIL LOW-level input voltage - - 0.8 V IOH HIGH-level output current - - −32 mA IOL LOW-level output current none - - 32 mA current duty cycle ≤ 50 %; f ≥ 1 kHz - - 64 mA ∆t/∆V input transition rise or fall rate outputs enabled - - 10 ns/V Tamb ambient temperature in free air −40 - +85 °C |
유사한 부품 번호 - 74ALVT16240DGG |
|
유사한 설명 - 74ALVT16240DGG |