전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA7650H 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TEA7650H
상세설명  Video signal processor for CD-video/laser vision
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA7650H 데이터시트(HTML) 2 Page - NXP Semiconductors

  TEA7650H Datasheet HTML 1Page - NXP Semiconductors TEA7650H Datasheet HTML 2Page - NXP Semiconductors TEA7650H Datasheet HTML 3Page - NXP Semiconductors TEA7650H Datasheet HTML 4Page - NXP Semiconductors TEA7650H Datasheet HTML 5Page - NXP Semiconductors TEA7650H Datasheet HTML 6Page - NXP Semiconductors TEA7650H Datasheet HTML 7Page - NXP Semiconductors TEA7650H Datasheet HTML 8Page - NXP Semiconductors TEA7650H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
September 1990
2
Philips Semiconductors
Preliminary specification
Video signal processor for CD-video/laser vision
TEA7650H
FEATURES
• Modulation Transfer Function correction (MTF) at signal
input for both standards
• HF drop out detector
• Data slicer, data output for program information
(IEC standards)
• Separation of signals for Electronic Time Base
Correction (ETBC)
• Noise reduction with chrominance trap, noise level
adjust point
• Dynamic picture insertion and 6 dB video attenuation of
main picture
• Bandgap reference voltage output, suitable for CCD
delay line
GENERAL DESCRIPTION
Bipolar IC for video signal processing used in
CD-Video/LaserVision players.
Standard PAL respectively NTSC output signal (CVBS).
MTF amplifier.
FM-demodulator followed by de-emphasis stage.
PAL/NTSC switch for switching the MTF and
de-emphasis.
Drop out detector with drop out switch, also externally
switchable.
+5 volt supply, only 325 mW total power dissipation.
QUICK REFERENCE DATA
ORDERING AND PACKAGE INFORMATION
Note
1. SOT196-1; 1996 November 25.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pins 12, 30, 47)
5
V
IP
total supply current
−−
65
mA
Vi (p-p)
FM input signal at pin 7 (peak-to-peak value)
50
300
mV
Vo (p-p)
CVBS output signal for CCDs (peak sync
− peak white, pin 29)
850
mV
V29
black level voltage (pin 29)
1.85
V
Vi (p-p)
delayed CVBS input signal for drop out path at pin 27
(peak-to-peak value)
700
mV
Vi (p-p)
delayed CVBS input signal at pin 31 from ETBC path
(peak-to-peak value)
600
mV
Vo (p-p)
main CVBS output signal at pin 42 (peak-to-peak value)
1
V
V42
black level voltage (pin 42)
2.2
V
Vo (p-p)
chrominance output signals at pins 44, 48 (peak-to-peak value)
PAL (burst)
760
mV
NTSC (burst)
725
mV
Vref
reference output voltage (pin 41)
1.6
V
EXTENDED TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TEA7650H
48
QFP48
plastic
SOT196A(1)


유사한 부품 번호 - TEA7650H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TEA7605 STMICROELECTRONICS-TEA7605 Datasheet
77Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
TEA7610SP STMICROELECTRONICS-TEA7610SP Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results

유사한 설명 - TEA7650H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES3890 ETC1-ES3890 Datasheet
91Kb / 6P
   Video CD Processor
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
   Video CD MPEG Processor
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
   Video CD Processor Product Brief
logo
Analog Devices
ADV8005 AD-ADV8005 Datasheet
506Kb / 52P
   NatureVue Video Signal Processor
ADV8003 AD-ADV8003 Datasheet
888Kb / 64P
   NatureVue Video Signal Processor
logo
Sanyo Semicon Device
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
   Video/audio signal processor for VHS VCRs
logo
Toshiba Semiconductor
TA8795BF TOSHIBA-TA8795BF Datasheet
1Mb / 45P
   VIDEO SIGNAL PROCESSOR IC FOR LCD TVs
logo
Mitsubishi Electric Sem...
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
   PAL VIDEO CHROMA SIGNAL PROCESSOR?
logo
Renesas Technology Corp
M52042FP RENESAS-M52042FP Datasheet
183Kb / 14P
   NTSC Video Chroma Signal Processor
logo
Panasonic Semiconductor
AN5337K PANASONIC-AN5337K Datasheet
211Kb / 21P
   NTSC Video Signal Processor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com