전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF4006BM1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 HCF4006BM1
상세설명  18-STAGE STATIC SHIFT REGISTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4006BM1 데이터시트(HTML) 1 Page - STMicroelectronics

  HCF4006BM1 Datasheet HTML 1Page - STMicroelectronics HCF4006BM1 Datasheet HTML 2Page - STMicroelectronics HCF4006BM1 Datasheet HTML 3Page - STMicroelectronics HCF4006BM1 Datasheet HTML 4Page - STMicroelectronics HCF4006BM1 Datasheet HTML 5Page - STMicroelectronics HCF4006BM1 Datasheet HTML 6Page - STMicroelectronics HCF4006BM1 Datasheet HTML 7Page - STMicroelectronics HCF4006BM1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2001
s
PERMANENT REGISTER STORAGE WITH
CLOCK LINE "HIGH" OR "LOW" ... NO
INFORMATION RECIRCULATION
REQUIRED
s
FULLY STATIC OPERATION
s
SHIFTING RATES UP TO
12MHzat 10V (Typ.)
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4006B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4006B is comprised of 4 separate "shift
register" sections; two sections of four stages and
two sections of five stages with an output tap at
the fourth stage. Each section has an independent
"single rail" data path. A common clock signal is
used for all stages. Data is shifted to the next
stage on negative going transitions of the clock.
Through appropriate connections of inputs and
outputs, multiple register sections of 4, 5, 8 and 9
stages or single register sections of 10, 12, 13, 14,
16, 17 and 18 can be implemented using one
HCF4006B
package.
Longer
shift
register
sections can be assembled by using more than
one HCF4006B. To facilitate cascading stages
when clock rise and fall times are slow, an optional
output
(D1+4’)
that
is
delayed
one-half
clock-cycle, is provided (see truth table for output
from pin 2)
HCF4006B
18-STAGE STATIC SHIFT REGISTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4006BEY
SOP
HCF4006BM1
HCF4006M013TR
DIP
SOP


유사한 부품 번호 - HCF4006BM1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
HCF4006BM1 STMICROELECTRONICS-HCF4006BM1 Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
More results

유사한 설명 - HCF4006BM1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
   18-stage static shift register
January 1995
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
[Old version datasheet]   CMOS 18-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4006B KODENSHI-KK4006B Datasheet
339Kb / 7P
   鬼MOS 18-Stage Static Shift Register
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
   8-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
   8-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com