전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD3986J29R-E 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 LD3986J29R-E
상세설명  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986J29R-E 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button LD3986J29R-E Datasheet HTML 3Page - STMicroelectronics LD3986J29R-E Datasheet HTML 4Page - STMicroelectronics LD3986J29R-E Datasheet HTML 5Page - STMicroelectronics LD3986J29R-E Datasheet HTML 6Page - STMicroelectronics LD3986J29R-E Datasheet HTML 7Page - STMicroelectronics LD3986J29R-E Datasheet HTML 8Page - STMicroelectronics LD3986J29R-E Datasheet HTML 9Page - STMicroelectronics LD3986J29R-E Datasheet HTML 10Page - STMicroelectronics LD3986J29R-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LD3986 SERIES
7/12
Figure 12: Supply Voltage Rejection vs
Frequency
Figure 13: Supply Voltage Rejection vs
Temperature
Figure 14: Line Transient Response
Figure 15: Load Transient Response
Figure 16: TURN-ON
Figure 17: TURN-OFF
VI = 3.2V to 3.8V, IO1 = IO2 = 150mA, TR = TF = 10µs
IO1 = 1 mA, IO2 = 0mA, TR = TF = 10µs
VI = 3.2V, VEN1,2 = 0 to 1.4V, IO1,2 = 1mA, TR = TF = 1µs
VI = 3.2V, VEN1,2 = 1.4 to 0V, IO1,2 = 1mA, TR = TF = 1µs


유사한 부품 번호 - LD3986J29R-E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD3980 STMICROELECTRONICS-LD3980 Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM08R STMICROELECTRONICS-LD3980PM08R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM12R STMICROELECTRONICS-LD3980PM12R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM135R STMICROELECTRONICS-LD3980PM135R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM13R STMICROELECTRONICS-LD3980PM13R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
More results

유사한 설명 - LD3986J29R-E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
logo
STMicroelectronics
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2982BXX18 STMICROELECTRONICS-LD2982BXX18 Datasheet
333Kb / 17P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com