전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-1503-DE0EE 데이터시트(PDF) 6 Page - Agilent(Hewlett-Packard)

부품명 HLMP-1503-DE0EE
상세설명  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1503-DE0EE 데이터시트(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-1503-DE0EE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-1503-DE0EE Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 5. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
Figure 2. Forward Current vs.
Forward Voltage Characteristics.
Figure 4. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak LED Current.
T-1 High Efficiency Red, Orange Diffused Lamps
Figure 1. Relative Intensity vs. Wavelength.
ORANGE
AlGaAs RED
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
EMERALD GREEN
HIGH
PERFORMANCE
GREEN
TA = 25° C


유사한 부품 번호 - HLMP-1503-DE0EE

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-1503 QT-HLMP-1503 Datasheet
237Kb / 3P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-1503 FAIRCHILD-HLMP-1503 Datasheet
260Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1503 HP-HLMP-1503 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1503 BOARDCOM-HLMP-1503 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
More results

유사한 설명 - HLMP-1503-DE0EE

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com