전자부품 데이터시트 검색엔진 |
|
HLMP-4101-YS000 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-4101-YS000 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 6 page 5 Figure 7. Relative luminous intensity vs. angular displacement. Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information. Mechanical Option Matrix Mechanical Option Code Definition 00 Bulk Packaging, minimum increment 500 pcs/bag Intensity Bin Limits Intensity Range (mcd) Color Bin Min. Max. Red P 540.0 850.0 Q 850.0 1200.0 R 1200.0 1700.0 S 1700.0 2400.0 T 2400.0 3400.0 U 3400.0 4900.0 V 4900.0 7100.0 W 7100.0 10200.0 X 10200.0 14800.0 Y 14800.0 21400.0 Z 21400.0 30900.0 Tolerance for each bin limit is ± 18%. 10 100 40 70 20 60 80 30 50 90 0 ° 10 ° 20 ° 30 ° 40 ° 50 ° 60 ° 70 ° 80 ° 90 ° 0 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.135 θ – ANGLE FROM OPTICAL CENTERLINE – DEGREES (CONE HALF ANGLE) NORMALIZED INTENSITY 0 |
유사한 부품 번호 - HLMP-4101-YS000 |
|
유사한 설명 - HLMP-4101-YS000 |