전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4492N 데이터시트(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

부품명 AM4492N
상세설명  N-Channel MOSFET uses advanced trench technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
홈페이지  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4492N 데이터시트(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4492N Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4492N Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4492N Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4492N Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.doingter.cn
1
Description:
This N-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=100V,ID=8A,RDS(ON)<20mΩ@VGS=10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current-TC=25℃
1
8
A
Continuous Drain Current-TC=100℃
---
Pulsed Drain Current
2
32
EAS
Single Pulse Avalanche Energy
5
30
mJ
PD
Power Dissipation
3
3.5
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
---
℃/W
RƟJA
Thermal Resistance Junction to mbient
4
35.7
℃/W
G
D
D
D
D
S1
S
S
AM4492N


유사한 부품 번호 - AM4492N

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4492N ANALOGPOWER-AM4492N Datasheet
383Kb / 6P
   N-Channel 100-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4492N-T1-PF VBSEMI-AM4492N-T1-PF Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

유사한 설명 - AM4492N

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
DC006NG DOINGTER-DC006NG Datasheet
827Kb / 4P
   N-Channel MOSFET uses advanced trench technology
DC022NG DOINGTER-DC022NG Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
FH070NR DOINGTER-FH070NR Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJP07N65 DOINGTER-CJP07N65 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
CEP93A3 DOINGTER-CEP93A3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJPF12N65 DOINGTER-CJPF12N65 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJU50N06 DOINGTER-CJU50N06 Datasheet
1,014Kb / 4P
   N-Channel MOSFET uses advanced trench technology
APM2055NU DOINGTER-APM2055NU Datasheet
965Kb / 5P
   N-Channel MOSFET uses advanced trench technology
APM4030BNU DOINGTER-APM4030BNU Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
DKI06261 DOINGTER-DKI06261 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
STP454 DOINGTER-STP454 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com