전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4520H 데이터시트(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

부품명 AM4520H
상세설명  N-Channel and P-Channel MOSFET use advanced trench Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
홈페이지  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4520H 데이터시트(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4520H Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4520H Datasheet HTML 9Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.doingter.cn
2
N-Channel Electrical Characteristics:(T
A=25unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
19.5
21.5
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=20V
---
---
1
μA
IGSS
Gate-Source Leakage Current
VGS=±10V, VDS=0A
---
---
±100
nA
On Characteristics
3
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
0.5
0.7
1.1
V
RDS(ON)
Drain-Source On Resistance
VGS=4.5V,ID=8A
---
12
17
VGS=2.5V,ID=4A
---
17
24
GFS
Forward Transconductance
VDS=10V, ID=4A
---
10
---
S
Dynamic Characteristics
4
Ciss
Input Capacitance
VDS=8V, VGS=0V, f=1MHz
---
500
---
pF
Coss
Output Capacitance
---
295
---
Crss
Reverse Transfer Capacitance
---
96
---
Qg
Gate Charge
VGS=4.5V, VDS=10V,
ID=3A
---
10
15
nc
Qgs
Gate-Source Charge
---
2.3
---
Qgd
Gate-Drain Charge
---
2.9
---
Switching Characteristics
4
td(on)
Turn-On Delay Time
VDD=10V, ID=3A ,
VGS=4.5V,RG=6Ω
---
11
---
ns
tr
Rise Time
---
30
---
ns
td(off)
Turn-Off Delay Time
---
35
---
ns
tf
Fall Time
---
10
---
ns
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
3
VGS=0V,IS=1A
---
---
1.2
V
IS
Continuous Source Current
2
---
---
4.5
A
---
Notes:
1.
Repetitive rating: pulse width limited by maximum junction temperature.
2.
Surface mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse test: pulse width ≤ 300μs, duty cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
AM 4520H


유사한 부품 번호 - AM4520H

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
   P & N-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - AM4520H

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
AP5521GM-HF DOINGTER-AP5521GM-HF Datasheet
2Mb / 7P
   N-Channel and P-Channel MOSFET use advanced trench Technology
SPC4539 DOINGTER-SPC4539 Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
AM4512C DOINGTER-AM4512C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
SSG4510 DOINGTER-SSG4510 Datasheet
2Mb / 7P
   N-Channel and P-Channel MOSFET use advanced trench Technology
AM4542C DOINGTER-AM4542C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
SPC4527 DOINGTER-SPC4527 Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
AM4530C DOINGTER-AM4530C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
FW344A DOINGTER-FW344A Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench technology
SSG4530C DOINGTER-SSG4530C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench technology
AP4539GM-HF DOINGTER-AP4539GM-HF Datasheet
2Mb / 9P
   N-Channel and P-Channel MOSFET use advanced trench Technology
SPC4567 DOINGTER-SPC4567 Datasheet
2Mb / 5P
   N-Channel and P-Channel MOSFET use advanced trench Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com