전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XZCPA1141L5 데이터시트(PDF) 4 Page - Schneider Electric

부품명 XZCPA1141L5
상세설명  pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 5m
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCPA1141L5 데이터시트(HTML) 4 Page - Schneider Electric

  XZCPA1141L5 Datasheet HTML 1Page - Schneider Electric XZCPA1141L5 Datasheet HTML 2Page - Schneider Electric XZCPA1141L5 Datasheet HTML 3Page - Schneider Electric XZCPA1141L5 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Product data sheet
Connections and Schema
XZCPA1141L5
Connections and Schemes
Connector
BN : Brown
BK : Black
BU : Blue
WH : White


유사한 부품 번호 - XZCPA1141L5

제조업체부품명데이터시트상세설명
logo
Schneider Electric
XZCPA1141L10 SCHNEIDER-XZCPA1141L10 Datasheet
79Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 10m
XZCPA1141L2 SCHNEIDER-XZCPA1141L2 Datasheet
79Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 2m
More results

유사한 설명 - XZCPA1141L5

제조업체부품명데이터시트상세설명
logo
Schneider Electric
XZCPV1141L5 SCHNEIDER-XZCPV1141L5 Datasheet
79Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 5m
XZCPV11V12L5 SCHNEIDER-XZCPV11V12L5 Datasheet
78Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 5 pins - cable PVC 5m
XZCPV1164L5 SCHNEIDER-XZCPV1164L5 Datasheet
77Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 5 pins - cable PVC 5m
XZCPA1241L5 SCHNEIDER-XZCPA1241L5 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 5m
XZCPV1241L5 SCHNEIDER-XZCPV1241L5 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 5m
XZCPV1541L5 SCHNEIDER-XZCPV1541L5 Datasheet
99Kb / 4P
   pre-wired connectors XZ - straight male - M12 - 4 pins - cable PVC 5m
XZCPA0941L5 SCHNEIDER-XZCPA0941L5 Datasheet
78Kb / 4P
   pre-wired connectors XZ - straight female - M8 - 4 pins - cable PVC 5m
XZCPV0941L5 SCHNEIDER-XZCPV0941L5 Datasheet
100Kb / 4P
   pre-wired connectors XZ - straight female - M8 - 4 pins - cable PVC 5m
XZCP1169L5 SCHNEIDER-XZCP1169L5 Datasheet
86Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PUR 5m
XZCP1141L5 SCHNEIDER-XZCP1141L5 Datasheet
87Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PUR 5m
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com