전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRKC270-24 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRKC270-24
상세설명  MAGN-A-pak Power Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRKC270-24 데이터시트(HTML) 4 Page - International Rectifier

  IRKC270-24 Datasheet HTML 1Page - International Rectifier IRKC270-24 Datasheet HTML 2Page - International Rectifier IRKC270-24 Datasheet HTML 3Page - International Rectifier IRKC270-24 Datasheet HTML 4Page - International Rectifier IRKC270-24 Datasheet HTML 5Page - International Rectifier IRKC270-24 Datasheet HTML 6Page - International Rectifier IRKC270-24 Datasheet HTML 7Page - International Rectifier IRKC270-24 Datasheet HTML 8Page - International Rectifier IRKC270-24 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
- All dimensions in millimeters (inches)
- Dimensions are nominal
- Full engineering drawings are available on request
- UL identification number for cathode wire: UL 1385
- UL identification number for package: UL 94V0
Outline Table
IRKD...
IRKC...
IRKJ...
IRKE...
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
80
90
100
110
120
130
140
150
0
50
100 150 200 250 300 350 400
DC
30
60
90
120
180
C ond uc tion Period
A ve rag e Forw ard C urre n t (A)
IRK .250.. Se rie s
R
(D C ) = 0.16 K /W
thJC
80
90
100
110
120
130
140
150
0
50
100
150
200
250
300
30
60
90
120
180
Cond uctio n Ang le
A ve rag e Forw ard C urre n t (A)
IRK .250.. Se rie s
R
(D C ) = 0.16 K /W
thJC


유사한 부품 번호 - IRKC270-24

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRKC236-04 IRF-IRKC236-04 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-08 IRF-IRKC236-08 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-12 IRF-IRKC236-12 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-14 IRF-IRKC236-14 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-16 IRF-IRKC236-16 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
More results

유사한 설명 - IRKC270-24

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com